Electronic Components Datasheet Search
  English  ▼

X  

53282 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53282
Description  Switch Status Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53282 Datasheet(HTML) 1 Page - Micropac Industries

  53282 Datasheet HTML 1Page - Micropac Industries 53282 Datasheet HTML 2Page - Micropac Industries 53282 Datasheet HTML 3Page - Micropac Industries 53282 Datasheet HTML 4Page - Micropac Industries 53282 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
12 18 08 Rev B
Pg. 1 of 5
53282
28 V HIGH SIDE NON-LATCHING
SOLID-STATE
POWER CONTROLLER
Mii
MICROCIRCUITS DIVISION
Features:
Switch Status Output
I
2T circuit protection
SPST, normally open
1A , 2A Pin Configurable Operating Current
Power FET output with Low on-state resistance
Full military temperature operation:
-55ºC to +125ºC.
Radiation hardened capable.
Military environmental screening available
Applications:
Ideal for 24V bus applications
Aircraft Power Distribution
Military/High Reliability Systems
Satellite/Space Systems
DESCRIPTION
The 53282 is a derivative of the 53278 SSPC. It shares core circuits and components tested for Total Dose and Single Event
Effects. The 53282 has Non-latching Control and the Power Bias is powered from 5V logic power.
The 53282 is a lightweight device resistant to damage from shock and vibration and is immune to contact-related problems
(contamination, arcing) associated with mechanical equivalents.
Transformer coupling between the input and output stages provides effective isolation up to 1000 V RMS. The Power FET
output eliminates bipolar offset and minimizes output voltage drop.
The preferred control input is CMOS compatible operating from a bias supply of 4.5 to 5.5VDC. (See Figure 1)
Integral short-circuit protection, I
2T trip and status output is provided. This unit is Pin configurable for 1A or 2A output. The
output current flow is sensed while under load and while switching, and responds to an over-current with an I
2T trip curve by
opening the output. An open-collector Status is available to indicate the switch state. The output will remain blocked
indefinitely until the short is removed and the unit reset. This feature prevents damage to the controller and also averts
further system failures that may be caused by the short circuit. Output Status is On (High) when the output is switched on
and is Off (Low) whenever the output is commanded off or tripped. Resetting the unit is accomplished by recycling the input
control.
This device is available in a variety of quality levels from COTS to class K including any custom screening requirements and
all components have radiation-hardened equivalents. The basic data sheet part is environmentally screened to H level in
accordance with Table C-IX of MIL-PRF-38534 with no element evaluation or QCI.
Radiation Tolerant
This device contains radiation hardened components and / or other features that provide a level of radiation tolerance.
Micropac does not guarantee any level of radiation hardness. Specific lot testing is required to determine the level of
radiation hardness. Micropac does not offer this device as compliant to Appendix G (RHA Requirements of MIL-PRF-38534.


Similar Part No. - 53282

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
532820 FESTO-532820 Datasheet
84Kb / 2P
Fine filter
532821 FESTO-532821 Datasheet
85Kb / 2P
Fine filter
532822 FESTO-532822 Datasheet
84Kb / 2P
Fine filter
532823 FESTO-532823 Datasheet
84Kb / 2P
Fine filter
532824 FESTO-532824 Datasheet
84Kb / 2P
Fine filter
More results

Similar Description - 53282

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441R INFINEON-BTS441R Datasheet
226Kb / 12P
Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
logo
Tyco Electronics
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
Specification Status: Released
logo
Laird Tech Smart Techno...
LRC-M-IS LSTD-LRC-M-IS Datasheet
1Mb / 3P
Status LEDs for status and feedback
logo
Littelfuse
MINISMDC200F LITTELFUSE-MINISMDC200F Datasheet
284Kb / 2P
Specification Status: Released
RUEF250 LITTELFUSE-RUEF250 Datasheet
358Kb / 2P
Specification Status: Released
RUEF300 LITTELFUSE-RUEF300 Datasheet
338Kb / 2P
Specification Status: Released
RUEF400 LITTELFUSE-RUEF400 Datasheet
353Kb / 2P
Specification Status: Released
RUEF500 LITTELFUSE-RUEF500 Datasheet
335Kb / 2P
Specification Status: Released
logo
PHOENIX CONTACT
FLKM-2I PHOENIX-FLKM-2I Datasheet
49Kb / 3P
Status indicator
FLKM-4I PHOENIX-FLKM-4I Datasheet
49Kb / 3P
Status indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com