Electronic Components Datasheet Search
  English  ▼

X  

53282 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53282
Description  Switch Status Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53282 Datasheet(HTML) 2 Page - Micropac Industries

  53282 Datasheet HTML 1Page - Micropac Industries 53282 Datasheet HTML 2Page - Micropac Industries 53282 Datasheet HTML 3Page - Micropac Industries 53282 Datasheet HTML 4Page - Micropac Industries 53282 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
12 18 08 Rev B
Pg. 2 of 5
53282
28V HIGH SIDE NON-LATCHING SOLID-STATE POWER CONTROLLER
ABSOLUTE MAXIMUM RATINGS
Isolation voltage
1.......................................................................................................................................................1000 V RMS
Continuous operating output voltage
2 ..............................................................................................................................95 VDC
Transient output voltage……………………………………………………….………………………………………….100 VDC
Load Current .................................................................................................................................................... 18A / Self Limiting
Bias supply voltage, VDD ..................................................................................................................................... -0.6 to 5.5 VDC
Operating temperature ............................................................................................................................ -55ºC to +125ºC Case
Storage temperature ..........................................................................................................................................-55ºC to +125ºC
Notes:
1 60 Hz sine wave
2 Reversing polarity on the output may cause permanent damage
ELECTRICAL CHARACTERISTICS
TA = +25° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
CMOS configurations (Figure 1)
Bias supply range, VDD
4.5
5.5
VDC
Bias current
16
25
mA
Input current
5 VDC Input
500
A
Control voltage range
-0.5
5.5
VDC
Turn-on voltage
At VDD = 5.0V
2.8
3.6
VDC
Turn-off voltage
At VDD = 5.0V
0.5
2.0
VDC
Dielectric strength
60 Hz
1000
V RMS
Output characteristics
Output current, sustaining:
Steady state load
1.2 / 2.4
1.6 / 3.2
A
Continuous blocking voltage
95
VDC
On-state resistance, Rds (1A Configuration)
25ºC Case
0.075
0.1
Ohms
On-state resistance, Rds (2A Configuration)
25ºC Case
0.050
0.075
Ohms
Turn-on time @ 25ºC case
Figure 2
0.8
2.0
mS
Turn-off time @ 25ºC case
Figure 2
0.5
1.0
mS
Off-state leakage
At Maximum Blocking Voltage
40
100
A
Output Capacitance
700
pF
Load Start current
25ºC
6/12
7.5/15
9/18
A
Short-circuit peak
100
4
A
Trip Reset Time
Remove short / overload
& Cycle input
50
mS
Status Output Specification
Status Supply Voltage (open Collector)
32
VDC
Status off leakage current
VS = 30 VDC
100
µADC
Status off leakage current
VS = 15 VDC
4
µADC
Status on voltage
ISTATUS = 5 MA
0.4
VDC
High-To-Low Transition Time
ISTATUS = 5 MA
20
50
µS
Junction temperature
150
ºC
Thermal resistance,
JA
JC
30
5
ºC/W
ºC/W
APPLICATION NOTES:
1.
Maximum input switching frequency not to exceed 20 Hz under normal conditions, or 1 Hz if output is shorted.
2.
Input transitions should be <1 ms and duration and input source should be “bounceless contact” type.
3.
Inductive loads must be suppressed.
4.
Peak current that may flow when output is shorted.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com