Electronic Components Datasheet Search
  English  ▼

X  

62072 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62072
Description  BI-COLOR HERMETIC LED INDICATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62072 Datasheet(HTML) 1 Page - Micropac Industries

  62072 Datasheet HTML 1Page - Micropac Industries 62072 Datasheet HTML 2Page - Micropac Industries 62072 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62072
BI-COLOR HERMETIC LED INDICATORS
OPTOELECTRONIC PRODUCTS
DIVISION
04/15/2009
Features:
•
Hermetically sealed
•
Choice of colors (Red, Yellow, Green)
•
Panel Mount versions with wire wrappable leads
•
Designed for Hi-Reliability applications
Applications:
•
P.C. Board Fault Indicator
•
Logic Status Indicator
•
Binary Data Display
•
Power supply on/off indicator
DESCRIPTION
The 62072 series indicators are hermetically sealed in TO-46 packages with a diffused dome lens which provides improved
viewability in bright sunlight. The RED and YELLOW indicators utilize a high efficiency GaAsP on GaP LED, while the
GREEN indicator utilizes a GaP on GaP LED. Panel mount versions with wire wrap leads are available including necessary
mounting hardware. All versions available in standard or JANTX screened levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ...................................................................................................................................................................5 Vdc
Power Dissipation (Note 1)............................................................................................................................................... 120 mW
Forward Current-Continuous ................................................................................................................................................35 mA
Storage Temperature.......................................................................................................................................... -65°C to +100°C
Operating Temperature ....................................................................................................................................... -55°C to +100°C
Lead Soldering Temperature (10 seconds, 1/16” from case) .............................................................................................. 260°C
Maximum Insertion Torque (Panel mount version) .......................................................................................................... 25 in•lbs
NOTES:
1.
Derate linearly at the rate of 1.6 mW/°C above 25°C
Indicator Dimensions
Panel Mount Dimensions
Schematic Diagram
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
0.583 [14.81]
0.500 [12.70]
0.025 [0.64] NOM.
0.105 [2.67]
0.095 [2.41]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.187 [4.75]
0.181 [4.60]
0.560 [14.22]
0.500 [12.70]
0.019 [0.48]
0.016 [0.41]
Ø0.218 [5.54]
Ø0.206 [5.23]
0.100 [2.54] NOM
0.387 [9.83]
0.377 [9.58]
ANODE 2
(Y/G)
CATHODE
COMMON
(R/Y)
0.028 [0.71] SQ TYP
ANODE 1
0.225 [5.72]
0.180 [4.57]
A1
A2
K
0.044 [1.12]
0.036 [0.91]
BOTTOM VIEW
A1
A2
K
A1 - ANODE OF RED LED
(-2XX AND -3XX)
- ANODE OF YELLOW LED
(-4XX)
A2 - ANODE OF YELLOW LED
(-2XX)
- ANODE OF GREEN LED
(-3XX AND -4XX)
NC


Similar Part No. - 62072

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62074 MICROPAC-62074 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
62074-001 MICROPAC-62074-001 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
62074-002 MICROPAC-62074-002 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
62074-101 MICROPAC-62074-101 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
62074-102 MICROPAC-62074-102 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
More results

Similar Description - 62072

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-32NRYGC DBLECTRO-BTL-32NRYGC Datasheet
210Kb / 3P
BI-COLOR LED
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
JAN QUALIFIED HERMETIC LED INDICATORS
logo
List of Unclassifed Man...
QBLP613-RIG ETC-QBLP613-RIG Datasheet
579Kb / 11P
LED BI-COLOR
QBLP631-RAG ETC-QBLP631-RAG Datasheet
690Kb / 9P
Bi-Color LED
QBLP600-RAG ETC1-QBLP600-RAG Datasheet
596Kb / 9P
LED BI COLOR
QBLP613-RIG ETC1-QBLP613-RIG Datasheet
654Kb / 12P
BI-Color LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
TRI-COLOR HERMETIC LED INDICATORS
62166 MICROPAC-62166 Datasheet
91Kb / 2P
BI-COLOR HERMETIC LED INDICATOR WITH WIRES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com