Electronic Components Datasheet Search
  English  ▼

X  

62072 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62072
Description  BI-COLOR HERMETIC LED INDICATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62072 Datasheet(HTML) 2 Page - Micropac Industries

  62072 Datasheet HTML 1Page - Micropac Industries 62072 Datasheet HTML 2Page - Micropac Industries 62072 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62072
BI-COLOR HERMETIC LED INDICATORS
04/15/2009
ELECTRICAL CHARACTERISTICS
TA = 25°°°°C unless otherwise specified.
PART NUMBER
COLOR
TEST CONDITION
PARAMETER LIMITS
IF
PEAK
λ
IV1θ=0°
IV2θ=30º
VF
C
mA
TYP.
MIN.
MIN.
MAX.
MAX.
62072
RED
20
635
3 mcd
1.5 mcd.
3V
100 pF
62072
YELLOW
20
585
3 mcd
1.5 mcd.
3V
100 pF
62072
GREEN
20
570
3 mcd
1.5 mcd.
3V
100 pF
RED/YELLOW LED
GREEN LED
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Forward Current
(Normalized at 20 mA)
(Normalized at 25 mA)
51 0
1 5
2 0
3 0
3 5
25
0. 00
0. 25
0. 50
0. 75
1. 00
1. 25
1. 50
1. 75
2. 00
51 0
1 5
2 0
3 0
25
0. 0 0
0. 2 5
0. 5 0
0. 7 5
1. 0 0
1. 2 5
1. 5 0
1. 7 5
2. 0 0
IF - Forward Current – mA
IF - Forward Current – mA
Relative Luminous Intensity
vs.
40°
70°
80°
90°
60°
50°
20°
30°
10°
020
40
60
0°
0.75
0.25
0.50
100
80
1.25
1.00
Angular Displacement
ANGULAR DISPLACEMENT - DEGREE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com