Electronic Components Datasheet Search
  English  ▼

X  

62094 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62094
Description  VISIBLE HERMETIC LED INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62094 Datasheet(HTML) 1 Page - Micropac Industries

  62094 Datasheet HTML 1Page - Micropac Industries 62094 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62094
VISIBLE HERMETIC LED INDICATOR
CURRENT LIMITED TO-46 OR PANEL MOUNT
10/22/03
Features:
•
Hermetically sealed
•
Choice of colors: Red, Yellow, Green
•
Diffused Dome
•
Panel mount versions include mounting hardware
•
Designed for high-reliability applications
Applications:
•
P.C. board fault indicators
•
Logic status indicator
•
Binary data display
•
On – Off indicator
•
Power supply on/off indicator
DESCRIPTION
These indicators are hermetically sealed in TO-46 packages. A tinted diffused dome lens provides good on-off contrast
and a wide viewing angle. The red and yellow indicators utilize a high efficiency GaAsP on GaP LED, while green
utilizes a GaP on GaP LED. Panel mount versions with wire wrappable leads are also available including the necessary
hardware. All versions are available in standard or screened to JANTX levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage................................................................................................................................................................5.0 Vdc
Forward Voltage ................................................................................................................................................................30 Vdc
Continuous power dissipation (Note 1) .......................................................................................................................... 250 mW
Operating temperature range .............................................................................................................................. -55° to + 100°C
Storage temperature range.................................................................................................................................. -65° to + 100°C
Lead Soldering Temperature (10 seconds, 1/16” from case) .......................................................................................... 240°C
Notes:
1.
Derate linearly 3.3 mW/°C above 25°C.
Package Dimensions
Schematic Diagram
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
0.025 [0.64] NOM
0.105 [2.67]
0.095 [2.41]
NOTES:
0.139 [3.53]
0.133 [3.38]
CATHODE
1. ALL EXTERNAL METAL SURFACES OF THE PACKAGE
ARE BLACK ANODIZED EXCEPT FOR THE ALODINE
AREA OF THE FLANGE AND THE GOLD-PLATED LEADS.
2. MOUNTING HARDWARE WHICH INCLUDES ONE LOCK
WASHER AND ONE HEX NUT IS INCLUDED WITH EACH
PANEL MOUNTABLE HERMETIC SOLID STATE LAMP.
0.190 [4.83]
0.176 [4.47]
0.230 [5.84]
0.198 [5.03]
0.024 [0.62]
0.016 [0.41]
0.560 [14.22]
0.520 [13.21]
GOLD PLATED
KOVAR
TINTED
DIFFUSED
DOME
0.100 [2.54] TYP.
CATHODE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.388 [9.86]
Ø0.373 [9.47]
0.020 [0.51]
0.016 [0.41]
K
A
Ø0.028 [0.71]
Ø0.022 [0.56]
Ø0.220 [5.59]
Ø0.200 [5.08]
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 62094

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
62091-1 MACOM-62091-1 Datasheet
944Kb / 22P
FASTON Receptacles
62091-2 MACOM-62091-2 Datasheet
944Kb / 22P
FASTON Receptacles
62092-1 MACOM-62092-1 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Micropac Industries
62096 MICROPAC-62096 Datasheet
77Kb / 2P
Hermetically sealed
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
More results

Similar Description - 62094

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Micropac Industries
62166 MICROPAC-62166 Datasheet
91Kb / 2P
BI-COLOR HERMETIC LED INDICATOR WITH WIRES
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com