Electronic Components Datasheet Search
  English  ▼

X  

62094 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62094
Description  VISIBLE HERMETIC LED INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62094 Datasheet(HTML) 2 Page - Micropac Industries

  62094 Datasheet HTML 1Page - Micropac Industries 62094 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62094
VISIBLE HERMETIC LED INDICATOR CURRENT LIMITED TO-46 OR PANEL MOUNT
10/22/03
OPTICAL/ELECTRICAL CHARACTERISTICS AT 25°C UNLESS OTHERWISE SPECIFIED
COLOR
PART NUMBER
TEST CONDITION
PARAMETER LIMIT
IF (MIN-MAX)
VF
IV MIN
PEAK
λ TYP
Red
62094-1XX
3.5 - 8.0 mA
5 - 30 Vdc
5 mcd
635nm
Yellow
62094-2XX
3.5 - 8.0 mA
5 - 30 Vdc
5 mcd
585nm
Green
62094-3XX
3.5 - 8.0 mA
5 - 30 Vdc
5 mcd
570nm
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62094-104
Screened, Red LED, TO-46
62094-105
Commercial, Red LED, TO-46
62094-114
Screened, Red LED, Panel Mount
62035-115
Commercial, Red LED, Panel Mount
62094-204
Screened, Yellow LED, TO-46
62094-205
Commercial, Yellow LED, TO-46
62094-214
Screened, Yellow LED, Panel Mount
62035-215
Commercial, Yellow LED, Panel Mount
62094-304
Screened, Green LED, TO-46
62094-305
Commercial, Green LED, TO-46
62094-314
Screened, Green LED, Panel Mount
62094-315
Commercial, Green LED, Panel Mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com