Electronic Components Datasheet Search
  English  ▼

X  

62098 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62098
Description  TRI-COLOR HERMETIC LED INDICATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62098 Datasheet(HTML) 1 Page - Micropac Industries

  62098 Datasheet HTML 1Page - Micropac Industries 62098 Datasheet HTML 2Page - Micropac Industries 62098 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62098
TRI-COLOR HERMETIC LED INDICATORS
TO-46 AND PANEL MOUNT
10/30/03
Features:
•
Hermetically sealed
•
Selectable colors (Red, Yellow, Green)
•
Panel Mount versions with wire wrappable leads
•
Designed for Hi-Reliability applications
Applications:
•
P.C. Board Fault Indicator
•
Logic Status Indicator
•
Data Display
•
Power supply on/off indicator
•
Set Point Indicator
DESCRIPTION
The 62098 series indicators are hermetically sealed in TO-46 packages with a diffused dome lens which provides improved
viewability in bright sunlight. The RED and YELLOW indicators utilize a high efficiency GaAsP on GaP LED, while the
GREEN indicator utilizes a GaP on GaP LED. Panel mount versions with wire wrap leads are available including necessary
mounting hardware. All versions available as commercial, military temperature or screened levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage .....................................................................................................................................................................5Vdc
Packaged Power Dissipation (Note 1)............................................................................................................................... 120mW
Forward Current-Continuous .................................................................................................................................................35mA
Maximum Insertion Torque (Panel mount version) ........................................................................................................... 25in•lbs
Storage Temperature.......................................................................................................................................... -65°C to +100°C
Operating Temperature........................................................................................................................................ -55°C to +100°C
Lead Soldering Temperature (10 seconds, 1/16” from case) ..............................................................................................260°C
Notes:
1. Derate linearly at the rate of 1.6 mW/°C above 25°C.
Indicator Dimensions
Panel Mount Dimensions
Schematic Diagram
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
0.025 [0.64] NOM
0.105 [2.67]
0.095 [2.41]
NOTES:
1. ALL EXTERNAL METAL SURFACES OF THE PACKAGE
ARE BLACK ANODIZED EXCEPT FOR THE ALODINE
AREA OF THE FLANGE AND THE GOLD-PLATED LEADS.
2. MOUNTING HARDWARE WHICH INCLUDES ONE LOCK
WASHER AND ONE HEX NUT IS INCLUDED WITH EACH
PANEL MOUNTABLE HERMETIC SOLID STATE LAMP.
0.190 [4.83]
0.176 [4.47]
0.210 [5.33]
0.170 [4.32]
0.024 [0.62]
0.016 [0.41]
1.030 [26.16]
0.970 [24.64]
GOLD PLATED
KOVAR
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.388 [9.86]
Ø0.373 [9.47]
0.020 [0.51]
0.016 [0.41]
4 PLCS
Ø0.212 [5.38]
Ø0.209 [5.31]
Ø0.100 [2.54]
TYP.
ANODE
GREEN
ANODE
YELLOW
COMMON
CATHODE
ANODE
RED
COMMON
CATHODE
ANODE
RED
ANODE
GREEN
ANODE
YELLOW
ANODE
RED
ANODE
YELLOW
ANODE
GREEN
COMMON
CATHODE
0.583 [14.81]
0.500 [12.55]
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 62098

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
62091-1 MACOM-62091-1 Datasheet
944Kb / 22P
FASTON Receptacles
62091-2 MACOM-62091-2 Datasheet
944Kb / 22P
FASTON Receptacles
62092-1 MACOM-62092-1 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Micropac Industries
62094 MICROPAC-62094 Datasheet
120Kb / 2P
VISIBLE HERMETIC LED INDICATOR
62096 MICROPAC-62096 Datasheet
77Kb / 2P
Hermetically sealed
More results

Similar Description - 62098

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
JAN QUALIFIED HERMETIC LED INDICATORS
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
BI-COLOR HERMETIC LED INDICATORS
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
logo
Micropac Industries
62035 MICROPAC-62035_V01 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com