Electronic Components Datasheet Search
  English  ▼

X  

62098 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62098
Description  TRI-COLOR HERMETIC LED INDICATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62098 Datasheet(HTML) 2 Page - Micropac Industries

  62098 Datasheet HTML 1Page - Micropac Industries 62098 Datasheet HTML 2Page - Micropac Industries 62098 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62098
TRI-COLOR HERMETIC LED INDICATORS TO-46 AND PANEL MOUNT
10/30/03
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER LIMITS
PART NUMBER
COLOR
TEST CONDITION
PEAK
λ
IV1θ=0°
IV2θ=30º
VF
C
IR
TYP.
MIN.
MIN.
MAX.
MAX.
MAX.
62098
RED
IF = 20 mA
635
3 mcd
1.5 mcd.
3V
100 pF
62098
YELLOW
IF = 20 mA
585
3 mcd
1.5 mcd.
3V
100 pF
62098
GREEN
IF = 25 mA
570
3 mcd
1.5 mcd.
3V
100 pF
62098
All
VR = 3 V
1 mA
RED/YELLOW LED
GREEN LED
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Forward Current
(Normalized at 20 mA)
(Normalized at 25 mA)
5
10
15
20
30
35
25
0 . 00
0 . 25
0 . 50
0 . 75
1 . 00
1 . 25
1 . 50
1 . 75
2 . 00
5
10
15
20
30
25
0 . 00
0 . 25
0 . 50
0 . 75
1 . 00
1 . 25
1 . 50
1 . 75
2 . 00
IF - Forward Current – mA
IF - Forward Current – mA
Relative Luminous Intensity
vs.
40°
70°
80°
90°
60°
50°
20°
30°
10°
0
20
40
60
0°
0.75
0.25
0.50
100
80
1.25
1.00
Angular Displacement
ANGULAR DISPLACEMENT - DEGREE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com