Electronic Components Datasheet Search
  English  ▼

X  

MX28F2000P Datasheet(PDF) 5 Page - Macronix International

Part # MX28F2000P
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000P Datasheet(HTML) 5 Page - Macronix International

  MX28F2000P Datasheet HTML 1Page - Macronix International MX28F2000P Datasheet HTML 2Page - Macronix International MX28F2000P Datasheet HTML 3Page - Macronix International MX28F2000P Datasheet HTML 4Page - Macronix International MX28F2000P Datasheet HTML 5Page - Macronix International MX28F2000P Datasheet HTML 6Page - Macronix International MX28F2000P Datasheet HTML 7Page - Macronix International MX28F2000P Datasheet HTML 8Page - Macronix International MX28F2000P Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
AUTOMATIC PROGRAMMING
The MX28F2000P is byte programmable using the
Automatic Programming algorithm.
The Automatic
Programming algorithm does not require the system to
time out or verify the data programmed. The typical
room temperature chip programming time of the
MX28F2000P is less than 5 seconds.
AUTOMATIC CHIP ERASE
The device may be erased using the Automatic Erase
algorithm. The Automatic Erase algorithm automati-
cally programs the entire array prior to electrical erase.
The timing and verification of electrical erase are
controlled internal to the device.
AUTOMATIC BLOCK ERASE
The MX28F2000P is block(s) erasable using MXIC's
Auto Block Erase algorithm. Block erase modes allow
blocks of the array to be erased in one erase cycle.
The Automatic Block Erase algorithm automatically
programs the specified block(s) prior to electrical
erase. The timing and verification of electrical erase
are controlled internal to the device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires
the user to only write a program set-up command and
a program command (program data and address). The
device automatically times the programming pulse
width, provides the program verify, and counts the
number of sequences. A status bit similar to DATA
polling and a status bit toggling between consecutive
read cycles, provide feedback to the user as to the
status of the programming operation.
MXIC's Automatic Erase algorithm requires the user to
only write an erase set-up command and erase com-
mand. The device will automatically pre-program and
verify the entire array. Then the device automatically
times the erase pulse width, provides the erase verify,
and counts the number of sequences. A status bit
similar to DATA polling and a status
bit toggling
between consecutive read cycles, provide feedback to
the user as to the status of the erase operation.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as inputs to an internal state-machine
which controls the erase and programming circuitry.
During write cycles, the command register internally
latches address and data needed for the programming
and erase operations. For system design simplifica-
tion, the MX28F2000P is designed to support either
WE or CE controlled writes. During a system write
cycle, addresses are latched on the falling edge of WE
or CE whichever occurs last. Data is latched on the
rising edge of WE or CE whichever occur first. To
simplify the following discussion, the WE pin is used as
the write cycle control pin throughout the rest of this
text. All setup and hold times are with respect to the
WE signal.
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, relia-
bility, and cost effectiveness. The MX28F2000P electri-
cally erases all bits simultaneously using Fowler-Nord-
heim tunneling. The bytes are programmed one byte at
a time using the EPROM programming mechanism of hot
electron injection.
AUTOMATIC ERASE ALGORITHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com