Electronic Components Datasheet Search
  English  ▼

X  

MX28F2000P Datasheet(PDF) 6 Page - Macronix International

Part # MX28F2000P
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000P Datasheet(HTML) 6 Page - Macronix International

Back Button MX28F2000P Datasheet HTML 2Page - Macronix International MX28F2000P Datasheet HTML 3Page - Macronix International MX28F2000P Datasheet HTML 4Page - Macronix International MX28F2000P Datasheet HTML 5Page - Macronix International MX28F2000P Datasheet HTML 6Page - Macronix International MX28F2000P Datasheet HTML 7Page - Macronix International MX28F2000P Datasheet HTML 8Page - Macronix International MX28F2000P Datasheet HTML 9Page - Macronix International MX28F2000P Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
TABLE 1. COMMAND DEFINITIONS
COMMAND
BUS
FIRST BUS CYCLE
SECOND BUS CYCLE
CYCLES
OPERATION
ADDRESS
DATA
OPERATION
ADDRESS
DATA
Read Memory
1
Write
X
00H
Read Identified codes
2
Write
X
90H
Read
IA
ID
Setup auto erase/
2
Write
X
30H
Write
X
30H
auto erase (chip)
Setup auto erase/
2
Write
X
20H
Write
EA
D0H
auto erase (block)
Setup auto program/
2
Write
X
40H
Write
PA
PD
program
Setup Erase/
2
Write
X
20H
Write
X
20H
Erase (chip)
Setup Erase/
2
Write
X
60H
Write
EA
60H
Erase (block)
Erase verify
2
Write
EVA
A0H
Read
X
EVD
Reset
2
Write
X
FFH
Write
X
FFH
Note:
IA
= Identifier address
EA
= Block of memory location to be erased
PA
= Address of memory location to be pro-
grammed
ID
= Data read from location IA during device iden-
tification
PD
= Data to be programmed at location PA
EVA = Address of memory location to be read during
erase verify.
EVD = Data read from location EVA during erase
verify.
Auto modes have the build-in enchanced features.
Please use the auto erase mode whenever it is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com