Electronic Components Datasheet Search
  English  ▼

X  

M35062 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button M35062 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
19
3. Setting matrix outline
The ALL24 register (address 2AF16) allows you to set a matrix out-
line. A matrix outline can be set for each line by using the DSP1XX
register (address 2AC16) .
However, this setting is inhibited if the EX register (address 2B016)
is 0 (external sync). An example of how you set a matrix outline is
shown in Figure 5.
Fig. 5 Setting example all matrix-outline area
4. Blinking mode
Two patterns blinking by register BLINK3 (address 2A916) or BLINK
bit of display RAM.
Blinking mode is shown in Table 9 (SYRAM do not blink).
Use registers BLINK0, 1, and 2 (address 2A916) to set the duty ratio
and period that determines the blinking time. Tables 12 and 13 list the
relationship between the register settings and the duty ratio and pe-
riod.
Table 9 Blinking mode
Blink OFF
Duty 50%
01
Duty 25%
Duty 75%
0
1
BLINK0
BLINK1
Table 10
Setting of duty ratio
BLINK2
0
1
Cycle
Approximately 1 second (Vertical sync
divided into 1/64)
Approximately 0.5 second (Vertical sync
divided into 1/32)
Table 11
Setting of cycle
0
BLINK3
Blinking mode
at blinking OFF
Blinking
Normal character, reversed
character alternation display
1
Normal
Reverse
TV Screen
ALL24 “0”
to characters all matrix-outline
ALL24
“1”
Horizontal display area all
matrix-outline
Note : It is not available to set when external synchronous. ( register EX = “0” )
BR, BG, BB
Line 9
DSP1 08
“0”
DSP1 09
“1”
DSP1 10
“0”
DSP1 16
“0”
DSP1 00
“0”
Setting example of register
DSP1xx
PHASE0, PHASE1, PHASE2
OSD display area
40 characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com