Electronic Components Datasheet Search
  English  ▼

X  

M35062 Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M35062 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
29
(2) To switch from external sync to internal sync when the oscillator
is already stable
(a) Set the registers DIPON and DISPONV = low. (The display is
turned off.)
(b) Disable data input during a 20 ms wait state (internal oscillator
stabilization period).
(c) Set the registers EX and PAL/NTSC = high and INT/NON =
low. (The display is temporarily placed in the interlaced mode.)
(d) Disable data input during a 30 ms wait state (internal oscillator
stabilization period).
(e) Set the registers INT/NON and PALH = high (for 628 scanning
lines). (The scanning fields are fixed to the first field.)
(f) Set up other registers, SYRAM, and display RAM.
(g) Set the registers DIPON and DISPONV = high. (The display is
turned on.)
10. Notes on fsc signal input
(1) This IC amplifies the subcarrier frequency (fsc) signal (NTSC sys-
tem: 3.580 MHz, PAL system: 4.434 MHz, M-PAL system: 3.576
MHz) input to the OSCIN pin and generates the composite video
signal internally.
The amplified fsc signal can be destabilized in the following cases.
(a) When the fsc signal is outside of recommended operating
conditions
(b) When the waveform of the fsc signal is distorted
(c) When DC level in the fsc waveform fluctuates
When the amplified signal is unstable, the composite video signal
generated inside the IC is also unstable in terms of synchroniza-
tion with the subcarrier and phase.
Consequently, this results in color flicker and lost synchronization
when the composite video signal is generated. Make note of the
fact that this may prevent a stable blue background from being
formed.
(2) When switching to internal synchronization from external syn-
chronization (fsc signal is OFF), start fsc signal input 20 m sec or
more before the internal oscillator circuit stabilizes.
11. Procedure for fixing to the first field in PAL
system
The M35062-XXXSP allows to fix the scanning fields to the first field
during PAL system noninterlaced display (internally synchronized).
In this case, the display must be placed in the interlaced mode tem-
porarily before entering the noninterlaced mode in order to ensure
that the scanning fields are fixed. Follow the setup procedure de-
scribed below.
(1) When powering on
(a) Turn on the power (AC pin = low).
(b) Deactivate auto clear (AC pin = high).
(c) Disable data input during a 200 ms wait state (internal stabili-
zation period).
(d) Set the registers LEVEL 0 and 2 = high and LEVEL 1 = low.
(e) Disable data input during a 20 ms wait state (internal oscilla-
tor stabilization period).
(f) Set the registers EX and PAL /NTSC = high and INT/NON =
low. (The display is temporarily placed in the interlaced
mode.)
(g) Disable data input during a 30 ms wait state (internal oscilla-
tor stabilization period).
(h) Set the registers INT/NON and PALH = high (for 628 scanning
lines). (The scanning fields are fixed to the first field.)
(i) Set up the register PCn.
(j) Disable data input during a 20 ms wait state (internal oscilla-
tor stabilization period).
(k) Set up other registers.
(l) Set up SYRAM.
(m) Set up the display RAM.
(n) Set the registers DIPON and DISPONV = high.(The display is
turned on.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com