Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button LMC7101 Datasheet HTML 2Page - Micrel Semiconductor LMC7101 Datasheet HTML 3Page - Micrel Semiconductor LMC7101 Datasheet HTML 4Page - Micrel Semiconductor LMC7101 Datasheet HTML 5Page - Micrel Semiconductor LMC7101 Datasheet HTML 6Page - Micrel Semiconductor LMC7101 Datasheet HTML 7Page - Micrel Semiconductor LMC7101 Datasheet HTML 8Page - Micrel Semiconductor LMC7101 Datasheet HTML 9Page - Micrel Semiconductor LMC7101 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LMC7101
Micrel
LMC7101
6
September 1999
0
200
400
600
800
1000
02
46
8
10
12
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40
°C
25
°C
85
°C
1
10
100
1000
10000
-40
0
40
80
120
160
JUNCTION TEMPERATURE (
°C)
Input Current vs.
Junction Temperature
-20
0
20
40
60
80
100
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
−PSRR
vs. Frequency
5V
12V
2.7V
T
A = 25°C
0
20
40
60
80
100
120
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
+PSRR
vs. Frequency
2.7V
5V
12V
T
A = 25°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (V)
Sink / Source Currents
vs. Output Voltage
T
A = 25°C
Typical Characteristics
0
20
40
60
80
100
120
140
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
CMRR
vs. Frequency
2.7V
12V
5V
T
A = 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02
46
8
10
12
SUPPLY VOLTAGE (V)
Falling Slew Rate vs.
vs. Supply Voltage
+85
°C
+25
°C
-40
°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02
46
8
10
12
SUPPLY VOLTAGE (V)
Rising Slew Rate vs.
vs. Supply Voltage
+85
°C
-40
°C
+25
°C
0
200
400
600
800
02
46
8
10
12
SUPPLY VOLTAGE (V)
Offset Voltage
vs. Supply Voltage
25
°C
-40
°C
85
°C
0
20
40
60
80
100
100
1000
LOAD CAPACITANCE (pF)
Phase Margin
vs. Capacitive Load
T
A = 25°C
A
V = 1
12V
5V
3V
2.7V
200
300
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com