Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101 Datasheet(HTML) 1 Page - Micrel Semiconductor

  LMC7101 Datasheet HTML 1Page - Micrel Semiconductor LMC7101 Datasheet HTML 2Page - Micrel Semiconductor LMC7101 Datasheet HTML 3Page - Micrel Semiconductor LMC7101 Datasheet HTML 4Page - Micrel Semiconductor LMC7101 Datasheet HTML 5Page - Micrel Semiconductor LMC7101 Datasheet HTML 6Page - Micrel Semiconductor LMC7101 Datasheet HTML 7Page - Micrel Semiconductor LMC7101 Datasheet HTML 8Page - Micrel Semiconductor LMC7101 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 1999
1
LMC7101
LMC7101
Micrel
LMC7101
Low-Power Operational Amplifier
General Description
The LMC7101 is a high-performance, low-power, operational
amplifier which is pin-for-pin compatible with the National
Semiconductor LMC7101. It features rail-to-rail input and
output performance in Micrel’s IttyBitty™ SOT-23-5 package.
The LMC7101 is a 500kHz gain bandwidth amplifier de-
signed to operate from 2.7V to 12V single-ended power
supplies with guaranteed performance at supply voltages of
2.7V, 3V, 5V, and 12V.
This op amp’s input common-mode range includes ground
and extends 300mV beyond the supply rails. For example,
the common-mode range is –0.3V to +5.3V with a 5V supply.
Functional Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
SOT-23-5 (M5)
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Amplifier Output
2
V+
Positive Supply
3
IN+
Noninverting Input
4
IN–
Inverting Input
5
V–
Negative Supply: Negative supply for split supply application or ground for
single supply application.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
A12A
Part
Identification
Ordering Information
Part Number
Marking
Grade
Temperature Range
Package
LMC7101AIM5
A12A
Prime
–40
°C to +85°C
SOT-23-5
LMC7101BIM5
A12
Standard
–40
°C to +85°C
SOT-23-5
Features
• Small footprint SOT-23-5 package
• Guaranteed 2.7V, 3V, 5V, and 12V performance
• 500kHz gain-bandwidth
• 0.01% total harmonic distortion at 10kHz (5V, 2k
Ω)
• 0.5mA typical supply current at 5V
Applications
• Mobile communications, cellular phones, pagers
• Battery-powered instrumentation
• PCMCIA, USB
• Portable computers and PDAs


Similar Part No. - LMC7101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101 TI-LMC7101 Datasheet
1Mb / 28P
LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
Tiny Low-Power Operational Amplifier
logo
Microchip Technology
LMC7101 MICROCHIP-LMC7101 Datasheet
1Mb / 32P
Low-Power Operational Amplifier
05/14/19
More results

Similar Description - LMC7101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101_05 Datasheet
134Kb / 12P
Low-Power Operational Amplifier
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
Low Power Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_17 Datasheet
775Kb / 20P
Low Power Operational Amplifier
November, 2017 ??Rev. 9
logo
Microchip Technology
LMC7101 MICROCHIP-LMC7101 Datasheet
1Mb / 32P
Low-Power Operational Amplifier
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com