Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 3Page - Micrel Semiconductor LP2951 Datasheet HTML 4Page - Micrel Semiconductor LP2951 Datasheet HTML 5Page - Micrel Semiconductor LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor LP2951 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-41
LP2951
Error Comparator Output
LP2951
Minimum Operating Voltage
Line Transient Response
Load Transient Response
Load Transient Response
Ripple Rejection
Output Impedance
2.2
2.0
1.9
1.6
-30
-20
-10
0
10
20
-250
-200
-150
-100
-50
0
50
-2.0 -1.5 -1.0 -0.5
0
0.5
1.0
8
6
4
2
0
-2
01
2
3
4
5
2.5
2.0
1.5
1.0
0.5
0.0
0
50
mV
100
mV
0
200
400
600
800
250
200
150
100
50
0
-50
-100
01
2
3
4
5
80
0
4
8
12
16
20
7
6
5
4
3
2
1
0
-100 0 100 200 300 400 500 600 700
10
5
2
1
0.5
0.2
0.1
0.05
10
100
1K
10K 100K
1M
90
80
70
60
50
40
20
10
10
70
60
50
40
30
20
T = 125
°C
A
C = 1
µF
V
= 5V
L
OUT
I = 10 mA
V = 8V
V
= 5V
L
I = 0
L
I = 100
µA
L
TEMPERATURE (
°C)
FEEDBACK VOLTAGE (V)
TIME (
µs)
OUTPUT LOW VOLTAGE (V)
INPUT VOLTAGE (V)
TIME (ms)
TIME (ms)
FREQUENCY (Hz)
FREQUENCY (Hz)
LP2951
Feedback Bias Current
LP2951
Feedback Pin Current
LP2951
Comparator Sink Current
LP2951
Enable Transient
Ripple Rejection
2.1
1.8
1.7
-75 -50 -25 0 25 50 75 100 125 150
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (
°C)
PIN 7 DRIVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)
T = 25
°C
A
V
= 5V
OUT
T = 125
°C
A
T = 25
°C
A
T = -55
°C
A
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
-50
mV
8V
6V
4V
100
mA
100
µA
C = 1
µF
I = 1 mA
V
= 5V
L
OUT
L
60
40
20
0
-20
-40
-60
100
mA
100
µA
C = 10
µF
V
= 5V
L
OUT
2
0
-2
C = 10
µF
L
IN
OUT
0.02
0.01
I = 100
µA
0
I = 1 mA
0
I = 100 mA
0
V
= 5V
C = 1
µF
L
OUT
30
10
10
10
10
13
4
6
C = 1
µF
V = 6V
V
= 5V
L
IN
OUT
C = 1
µF
V = 6V
V
= 5V
L
IN
OUT
I = 10 mA
L
I = 1 mA
L
80
90
HYSTERESIS
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
2
10
10
FREQUENCY (Hz)
10
10
10
10
123
4
5
6
T = –55
°C
A
TIME (
µs)
L = 1
µF
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com