Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor LP2951 Datasheet HTML 11Page - Micrel Semiconductor LP2951 Datasheet HTML 12Page - Micrel Semiconductor LP2951 Datasheet HTML 13Page - Micrel Semiconductor LP2951 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LP2950/2951
Micrel
3-44
February 1999
OUTPUT
VOLTAGE
INPUT
VOLTAGE
ERROR
NOT
VALID
NOT
VALID
5V
1.3V
4.75V
Figure 1. ERROR Output Timing
870 23
*SEE APPLICATIONS
INFORMATION
*
*
* SEE APPLICATIONS INFORMATION
NOTE: PINS 2 AND 6 ARE LEFT OPEN
LP2951
IN
OUT
GND
FB
ERROR
5
3
4
1
8
SD
V
V
ERROR
OUTPUT
SHUTDOWN
INPUT
IN
+V
100k
Ω
OUT
V
1.2
30V
1
R
100
pF
3.3µF
2
R
1.23V
REF
V
7
OUT
V
REF
= V
x (1 +
)
1
R
2
R
OFF
ON
LP2951
Figure 2. Adjustable Regulator
Typical Applications
LP2951
OUT
FB
SO
ERROR
5
1
3
7
GND
4
+VIN
8
+VIN
*V
≈VIN
OUT
V
ERROR
OUTPUT
SHUTDOWN
INPUT
*HIGH INPUT LOWERS V
OUT TO 2.5V
MIC2951
SD
V
ERROR
GND
4
7
8
OUT
+V IN
FB
1
5
3
ERROR
OUTPUT
SHUTDOWN
INPUT
47k
Ω
*SLEEP
INPUT
100pF
2N3906
200k
Ω
1%
100k
Ω
C-MOS
GATE
+V IN
1%
100k
Ω
+
3.3
µF
+V OUT
470 k
Ω
OFF
ON
LP2951
5 V Regulator with 2.5 V Sleep Function
Wide Input Voltage Range Current Limiter
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV TO 400mV,
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 160mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com