Electronic Components Datasheet Search
  English  ▼

X  

MIC2177 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2177
Description  2.5A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2177 Datasheet HTML 8Page - Micrel Semiconductor MIC2177 Datasheet HTML 9Page - Micrel Semiconductor MIC2177 Datasheet HTML 10Page - Micrel Semiconductor MIC2177 Datasheet HTML 11Page - Micrel Semiconductor MIC2177 Datasheet HTML 12Page - Micrel Semiconductor MIC2177 Datasheet HTML 13Page - Micrel Semiconductor MIC2177 Datasheet HTML 14Page - Micrel Semiconductor MIC2177 Datasheet HTML 15Page - Micrel Semiconductor MIC2177 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MIC2177
Micrel
MIC2177
12
April 1999
The feedback resistors, RC compensation network, and
BIAS pin bypass capacitor should be located near their
respective pins. To prevent ground bounce, their ground
traces and SGND should not be in the path of switching
currents returning to the power supply ground bus. SGND
and PGND should be tied together by a ground plane that
extends under the MIC2177.
BIAS
SGND
AUTO
COMP
PGND
FB
SW
VIN
C2
100µF
10V
VOUT
3.3V/1A
L1, 50µH
C4
6.8nF
C3
0.01µF
MIC2177
SYNC
EN
R4
10k
VIN
4.5V to 16.5V
C1
22µF
35V
U1
20
18
10
11
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2177-3.3BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3
Ω
C2 AVX
TPSD107M010R0100, ESR = 0.1
Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Coiltronics CTX50-4P, DCR = 0.097
Ω
L1
Coilcraft
DO3316P-473, DCR = 0.12
Ω
L1
Bi
HM77-11003, DCR = 0.073
Ω
C5
0.01
µF
OUT
Figure 1. MIC2177 4.5V–16.5V to 3.3/1A Regulator
Suggested Manufacturers List
Inductors
Capacitors
Diodes
Transistors
Coilcraft
AVX Corp.
General Instruments (GI)
Siliconix
1102 Silver Lake Rd.
801 17th Ave. South
10 Melville Park Rd.
2201 Laurelwood Rd.
Cary, IL 60013
Myrtle Beach, SC 29577
Melville, NY 11747
Santa Clara, CA 96056
tel: (708) 639-2361
tel: (803) 448-9411
tel: (516) 847-3222
tel: (800) 554-5565
fax: (708) 639-1469
fax: (803) 448-1943
fax: (516) 847-3150
Coiltronics
Sanyo Video Components Corp.
International Rectifier Corp.
6000 Park of Commerce Blvd.
2001 Sanyo Ave.
233 Kansas St.
Boca Raton, FL 33487
San Diego, CA 92173
El Segundo, CA 90245
tel: (407) 241-7876
tel: (619) 661-6835
tel: (310) 322-3331
fax: (407) 241-9339
fax: (619) 661-1055
fax: (310) 322-3332
Bi Technologies
Sprague Electric
Motorola Inc.
4200 Bonita Place
Lower Main St.
MS 56-126
Fullerton, CA
60005 Sanford, ME 04073
3102 North 56th St.
tel: (714) 447-2345
tel: (207) 324-4140
Phoenix, AZ 85018
fax: (714) 447-2500
tel: (602) 244-3576
fax: (602) 244-4015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com