Electronic Components Datasheet Search
  English  ▼

X  

MIC2177 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2177
Description  2.5A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2177 Datasheet HTML 1Page - Micrel Semiconductor MIC2177 Datasheet HTML 2Page - Micrel Semiconductor MIC2177 Datasheet HTML 3Page - Micrel Semiconductor MIC2177 Datasheet HTML 4Page - Micrel Semiconductor MIC2177 Datasheet HTML 5Page - Micrel Semiconductor MIC2177 Datasheet HTML 6Page - Micrel Semiconductor MIC2177 Datasheet HTML 7Page - Micrel Semiconductor MIC2177 Datasheet HTML 8Page - Micrel Semiconductor MIC2177 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
April 1999
3
MIC2177
MIC2177
Micrel
Absolute Maximum Ratings
Supply Voltage [100ms transient] (V
IN) ......................... 18V
Output Switch Voltage (V
SW) ........................................ 18V
Output Switch Current (I
SW) ......................................... 6.0A
Enable, Output-Sense Voltage (V
EN, VOUT) ................. 18V
Sync Voltage (V
SYNC) ..................................................... 6V
Operating Ratings
Supply Voltage (V
IN) ..................................... 4.5V to 16.5V
Junction Temperature Range (T
J) ........... –40°C to +125°C
Electrical Characteristics
V
IN = 7.0V; TA = 25°C, bold indicates –40°C ≤ TA ≤ 85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SS
Input Supply Current
PWM mode, output not switching,
1.0
1.5
mA
4.5V
≤ V
IN ≤ 16.5V
skip mode, output not switching,
500
650
µA
4.5V
≤ V
IN ≤ 16.5V
V
EN = 0V, 4.5V ≤ VIN ≤ 16.5V
1
25
µA
V
BIAS
Bias Regulator Output Voltage
V
IN = 16.5V
3.10
3.30
3.4
V
V
FB
Feedback Voltage
MIC2177 [adj.]: V
OUT = 3.3V, ILOAD = 0
1.22
1.245
1.27
V
V
OUT
Output Voltage
MIC2177 [adj.]: V
OUT = 3.3V,
3.20
3.3
3.40
V
5V
≤ V
IN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
3.14
3.46
V
MIC2177-5.0: I
LOAD = 0
4.85
5.0
5.15
V
MIC2177-5.0:
4.85
5.0
5.15
6V
≤ V
IN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
4.75
5.25
V
MIC2177-3.3: I
LOAD = 0
3.20
3.3
3.40
V
MIC2177-3.3:
3.20
3.3
3.40
V
5V
≤ V
IN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
3.14
3.46
V
V
TH
Undervoltage Lockout
upper threshold
4.25
4.35
V
V
TL
lower threshold
3.9
4.15
V
I
FB
Feedback Bias Current
MIC2177 [adj.]
60
150
nA
MIC2177-5.0, MIC2177-3.3
20
40
µA
A
VOL
Error Amplifier Gain
0.6V
≤ V
COMP ≤ 0.8V
15
18
20
Error Amplifier Output Swing
upper limit
0.9
1.5
V
lower limit
0.05
0.1
V
Error Amplifier Output Current
source and sink
15
25
35
µA
f
O
Oscillator Frequency
160
200
240
kHz
D
MAX
Maximum Duty Cycle
V
FB = 1.0V
100
%
t
ON min
Minimum On-Time
V
FB = 1.5V
300
400
ns
SYNC Frequency Range
220
300
kHz
SYNC Threshold
0.8
1.6
2.2
V
SYNC Minimum Pulse Width
500
ns
I
SYNC
SYNC Leakage
V
SYNC = 0V to 5.5V
–1
0.01
1
µA
I
LIM
Current Limit
PWM mode, V
IN = 12V
3.8
4.7
5.7
A
skip mode
600
mA
R
ON
Switch On-Resistance
high-side switch, V
IN = 12V
90
250
m
Ω
low-side switch, V
IN = 12V
110
250
m
Ω
I
SW
Output Switch Leakage
V
SW = 16.5V
1
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com