Electronic Components Datasheet Search
  English  ▼

X  

MB0530 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MB0530 Datasheet HTML 4Page - Micrel Semiconductor MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor MB0530 Datasheet HTML 10Page - Micrel Semiconductor MB0530 Datasheet HTML 11Page - Micrel Semiconductor MB0530 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MIC2141
Micrel
MIC2141
8
June 2000
Output Capacitor
If the availability of tantalum capacitors is limited, ceramic
capacitors and inexpensive electrolyics may be necessary.
Selection of the capacitor value will depend upon on the peak
inductor current and inductor size. MuRata offers the GRM
series with up to 10
µF at 25V, with a Y5V temperature
coefficient, in a 1210 surface-mount package. Low-cost
applications can use M-series leaded electrolytic capacitors
from Panasonic. In general, ceramic, electrolytic, or tantalum
values ranging from 10
µF to 47µF can be used for the output
capacitor.
r
e
r
u
t
c
a
f
u
n
a
Ms
e
i
r
e
Se
p
y
Te
g
a
k
c
a
P
a
t
a
R
u
mM
R
GV
5
Y
c
i
m
a
r
e
ct
n
u
o
m
e
c
a
f
r
u
s
y
a
h
s
i
V4
9
5m
u
l
a
t
n
a
tt
n
u
o
m
e
c
a
f
r
u
s
c
i
n
o
s
a
n
a
Ps
e
i
r
e
s
-
Mc
i
t
y
l
o
r
t
c
e
l
ed
e
d
a
e
l
Table 4. Capacitor Examples
Design Example
Given a design requirement of 12V output and 1mA load with
a minimum input voltage of 2.5V, Equation 1 can be used to
calculate to maximum inductance or it can be read from the
graph in Figure 4. Once the maximum inductance has been
determined, the peak current can be determined using Equa-
tion 2 or Figure 10.
V
OUT = 12V
I
OUT = 1mA
V
IN = 4.8V to 2.5V
SW
GND
FB
IN
VC
1
5
3
2
4
MIC2141
C4
0.1
µF
C1
10
µF
25V
CR1
BAT54HT1
L1
33
µH
C2
10
µF
25V
VOUT
+5V to +15V
Return
VIN
+2.7V to +12V
VC
Return
Figure 1. Basic Configuration
SW
GND
FB
IN
VC
4
5
3
1
2
MIC2141
C4
0.1
µF
R1
34.8k
R2
121k
C1
10
µF
25V
CR1
BAT54HT1
L1
22
µH
C2
10
µF
25V
VOUT
+5V to +20V
IFB
Return
VIN
+2.7V to +12V
VC
Return
V6V
1
R1
R2
IR1
I
15 A for V
15V
OUT
C
FB
FB(typ)
OUT
==++




++⋅⋅
====
µ
Figure 2. Gain-Boost Configuration
SW
GND
FB
IN
VC
1
5
3
2
4
MIC2141
C4
0.1
µF
C1
10
µF
25V
CR1
MBR0530
CR3
1N4148
CR2
1N4148
L1
4.7
µH
C2
10
µF
25V
VOUT
+12V
Return
VIN
+2.7V to +4.7V
VC
Return
Figure 3. Bootstrap Configuration
L
Vt
I
V
eff
V2
L17 H
MAX
IN(min)
ON(min)
O(max)
O
IN(min)
MAX
==
⋅⋅
−−⋅⋅ ⋅⋅
==
22
T
S(min)
µ
Select 15
µH ±10%.
I
tV
L
0.767 s
4.8V
13.5 H
I
272mA
PEAK
ON(max)
IN(max)
MIN
PEAK
==
⋅⋅
==
==
µ
µ
Select a BAT54 diode and CR32 inductor.
Always check the peak current to insure that it is within the
limits specified in the load line shown in Figure 10 for all
input and output voltages.
Gain Boost
Use Figure 2 to increase the voltage gain of the system. The
typical gain can easily be increased from the nominal gain of
6 to a value of 8 or 10. Figure 2 shows a gain of 8 so that with
2.5V applied to VC, V
OUT will be 20V.
Bootstrap
The bootstrap configuration is used to increase the maximum
output current for a given input voltage. This is most effective
when the input voltage is less than 5V. Output current can
typically be tripled by using this technique. See Table 4a. for
bootstrap-ready-built component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com