Electronic Components Datasheet Search
  English  ▼

X  

MB0530 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor MB0530 Datasheet HTML 10Page - Micrel Semiconductor MB0530 Datasheet HTML 11Page - Micrel Semiconductor MB0530 Datasheet HTML 12Page - Micrel Semiconductor MB0530 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
June 2000
9
MIC2141
MIC2141
Micrel
Inductor Selection Guides
0.1
1
10
40
02468
10
12
14
16
18
20
22
OUTPUT VOLTAGE (V)
3.9
µH
4.7
µH
18
µH
22
µH
15
µH
220
µH
180
µH
150
µH
120
µH
100
µH
82
µH
68
µH
56
µH
47
µH
39
µH
33
µH
27
µH
V
IN = 2.5V
Figure 5. Inductor Selection for V
IN = 2.5V
0.1
1
10
100
200
02468
10
12
14
16
18
20
22
OUTPUT VOLTAGE (V)
12
µH
18
µH
22
µH
15
µH
220
µH
180
µH
150
µH
120
µH
100
µH
82
µH
68
µH
56
µH
47
µH
39
µH
33
µH
27
µH
4.7
µH
10
µH
V
IN = 3.3V
Use for Li-ion battery
Figure 6. Inductor Selection for V
IN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com