Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2505
Description  Single 2A / Dual 1A / High-Side Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2505 Datasheet HTML 1Page - Micrel Semiconductor MIC2505 Datasheet HTML 2Page - Micrel Semiconductor MIC2505 Datasheet HTML 3Page - Micrel Semiconductor MIC2505 Datasheet HTML 4Page - Micrel Semiconductor MIC2505 Datasheet HTML 5Page - Micrel Semiconductor MIC2505 Datasheet HTML 6Page - Micrel Semiconductor MIC2505 Datasheet HTML 7Page - Micrel Semiconductor MIC2505 Datasheet HTML 8Page - Micrel Semiconductor MIC2505 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2505/2506
Micrel
MIC2505/2506
2
April 1998
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
IN
CTL
FLG
GND
GATE
MIC2505/-1/-2
1
2
3
4
8
7
6
5
OUT A
IN
GND
OUT B
CTL A
FLG A
FLG B
CTL B
MIC2506
8-Pin SOIC (M)
8-Pin DIP (N)
8-Pin SOIC (M)
8-Pin DIP (N)
LOGIC,
CHARGE
PUMP
6, 8 (OUT)
3 (GND)
(CTL A) 1
(FLG A) 2
5, 7 (IN)
(GATE A) 4
MIC2505/-1/-2
LOGIC,
CHARGE
PUMP
LOGIC,
CHARGE
PUMP
8 (OUT A)
5 (OUT B)
7 (IN)
6 (GND)
(CTL A) 1
(FLG A) 2
(FLG B) 3
(CTL B) 4
MIC2506
Part Number
Control/Enable
Open-Load Detect
Temperature Range
Package
Single-Switch
MIC2505BM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
MIC2505BN
Active-High
Yes
–40
°C to +85°C
8-pin DIP
MIC2505-1BM
Active-High
No
–40
°C to +85°C
8-pin SOIC
MIC2505-1BN
Active-High
No
–40
°C to +85°C
8-pin DIP
MIC2505-2BM
Active-Low
No
–40
°C to +85°C
8-pin SOIC
MIC2505-2BN
Active-Low
No
–40
°C to +85°C
8-pin DIP
Dual Switch
MIC2506BM
Active-High
Yes
–40
°C to +85°C
8-pin SOIC
MIC2506BN
Active-High
Yes
–40
°C to +85°C
8-pin DIP
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com