Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2505
Description  Single 2A / Dual 1A / High-Side Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2505 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2505 Datasheet HTML 1Page - Micrel Semiconductor MIC2505 Datasheet HTML 2Page - Micrel Semiconductor MIC2505 Datasheet HTML 3Page - Micrel Semiconductor MIC2505 Datasheet HTML 4Page - Micrel Semiconductor MIC2505 Datasheet HTML 5Page - Micrel Semiconductor MIC2505 Datasheet HTML 6Page - Micrel Semiconductor MIC2505 Datasheet HTML 7Page - Micrel Semiconductor MIC2505 Datasheet HTML 8Page - Micrel Semiconductor MIC2505 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2505/2506
Micrel
MIC2505/2506
4
April 1998
Electrical Characteristics
V
IN = +5V; GATE = open; TA = 25°C, bold indicates –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Supply Current
MIC2505-1
V
CTL = logic 0, OUT = open
0.75
5
µA
MIC2506
V
CTL = logic 1, OUT = open
110
160
µA
MIC2505-2
V
CTL = logic 0, OUT = open
110
160
µA
V
CTL = logic 1, OUT = open
0.75
5
µA
Control Input Voltage
V
CTL = logic 0 → logic 1 transition
2.1
2.4
V
V
CTL = logic 1 → logic 0 transition
0.8
1.9
V
Control Input Current
V
CTL = logic 0
0.01
1
µA
V
CTL = logic 1
0.01
1
µA
Control Input Capacitance
1pF
Output MOSFET Resistance
MIC2505 series
V
IN = 5V, TA = 25°C30
50
m
Ω
V
IN = 5V, –40°C < TA < +85°C
60
m
Ω
V
IN = 3.3V, TA = 25°C35
60
m
Ω
V
IN = 3.3V, –40°C < TA < +85°C
75
m
Ω
MIC2506
V
IN = 5V, TA = 25°C75
125
m
Ω
V
IN = 5V, –40°C < TA < +85°C
150
m
Ω
V
IN = 3.3V, TA = 25°C80
135
m
Ω
V
IN = 3.3V, –40°C < TA < +85°C
165
m
Ω
Output Turn-On Delay
MIC2505 series
R
L = 10Ω, CGATE = 0
200
850
2000
µs
MIC2506
R
L = 10Ω each output
100
700
2000
µs
Output Turn-On Rise Time
MIC2505 series
R
L = 10Ω, CGATE = 0
500
3000
7500
µs
MIC2506
R
L = 10Ω each output
200
2000
6000
µs
Output Turnoff Delay
MIC2505 series
R
L = 10Ω, CGATE = 0
0.7
20
µs
MIC2506
R
L = 10Ω each output
0.8
20
µs
Output Turnoff Fall Time
MIC2505 series
R
L = 10Ω, CGATE = 0
1.5
20
µs
MIC2506
R
L = 10Ω each output
0.7
20
µs
Output Leakage Current
10
µA
Current Limit Threshold
MIC2505 series
2
4A
MIC2506
1
23
A
Open Load Threshold, Note 1
V
CTL = logic low, Note 2
0.5
1
1.5
V
Overtemperature Shutdown
T
J increasing
135
°C
Threshold
T
J decreasing
125
°C
Error Flag Output Resistance
V
IN = 5V, IL = 10mA
10
25
Ω
V
IN = 3.3V, IL = 10mA
15
40
Ω
Error Flag Off Current
V
FLAG = 5V
0.01
1
µA
UVLO Threshold
V
IN = increasing
2.2
2.5
2.7
V
V
IN = decreasing
2.0
2.3
2.5
V
General Note: Devices are ESD protected, however, handling precautions recommended.
General Note: All limits guaranteed by testing or statistical analysis.
Note 1:
MIC2505-1 and -2 versions have no open load detect feature.
Note 2:
Open-load threshold is the output voltage (V
OUT) where FLG becomes active (low) when CTL is low. OUT is pulled high by a 100k external
resistor to V
IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com