Electronic Components Datasheet Search
  English  ▼

X  

MIC2182BSM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2182BSM
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182BSM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2182BSM Datasheet HTML 9Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 10Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 11Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 12Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 13Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 14Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 15Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 16Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
June 2000
13
MIC2182
MIC2182
Micrel
Switching from PWM to Skip Mode
The current sense amplifier in Figure 3 monitors the average
voltage across the current-sense resistor. The controller will
switch from PWM to skip mode when the average voltage
across the current-sense resistor drops below approximately
12mV. This is shown in Figure 7b. The average output current
at this transition level for is calculated below.
I
0.012
R
OUT(skipmode)
CS
=
where:
0.012 = threshold voltage of the internal comparator
R
CS = current-sense resistor value
Switching from Skip to PWM Mode
The frequency of occurrence of the skip-mode current pulses
increase as the output current increases until the hysteretic
duty cycle reaches 100% (continuous pulses). Increasing the
current past this point will cause the output voltage will drop.
The low limit comparator senses the output voltage when it
drops below 2% of the set output and automatically switches
the converter to PWM mode.
The inductor current in skip mode is a triangular wave shape
a minimum value of 0 and a maximum value of 35mV/R
CS
(see Figure 7b). The maximum average output current in skip
mode is the average value of the inductor waveform:
I
0.5
35mV
R
OUT(max skipmode)
CS
=×
The capacitor on the PWM pin (pin 2) is discharged when the
IC transitions from skip to PWM mode. This forces the IC to
remain in PWM mode for a fixed period of time. The added
delay prevents unwanted switching between PWM and skip
mode. The capacitor is charged with a 10uA current source
on pin 2. The threshold on pin 2 is 2.5V. The delay for a typical
1nF capacitor is:
t
CV
I
1nF
2.5V
10 A
250 s
delay
PWM
threshold
source
=
×
=
×
=
µ
µ
where:
C
PWM = capacitor connected to pin 2
Current Limit
The current-limit circuit operates during PWM mode. The
output current is detected by the voltage drop across the
external current-sense resistor (R
CS in Figure 2.). The cur-
rent-limit threshold is 100mV+35mV –25mV. The current-
sense resistor must be sized using the minimum current-limit
threshold. The external components must be designed to
withstand the maximum current limit. The current-sense
resistor value is calculated by the equation below:
R
75mV
I
CS
OUT(max)
=
The maximum output current is:
I
135mV
R
OUT(max)
CS
=
The current-sense pins CSH (pin 8) and V
OUT (pin 9) are
noise sensitive due to the low signal level and high input
impedance. The PCB traces should be short and routed close
to each other. A small (1nF to 0.1
µF) capacitor across the pins
will attenuate high frequency switching noise.
When the peak inductor current exceeds the current-limit
threshold, the current-limit comparator, in Figure 2, turns off
the high-side MOSFET for the remainder of the cycle. The
output voltage drops as additional load current is pulled from
the converter. When the output voltage reaches approxi-
mately 0.95V, the circuit enters frequency-foldback mode
and the oscillator frequency will drop to 60kHz while maintain-
ing the peak inductor current equal to the nominal 100mV
across the external current-sense resistor. This limits the
maximum output power delivered to the load under a short
circuit condition.
Reference, Enable and, UVLO Circuits
The output drivers are enabled when the following conditions
are satisfied:
• The V
DD voltage (pin 11) is greater than its
undervoltage threshold (typically 4.2V).
• The voltage on the enable pin is greater than the
enable UVLO threshold (typically 2.5V)
The internal bias circuit generates a 1.245V bandgap refer-
ence voltage for the voltage error amplifier and a 5V V
DD
voltage for the gate drive circuit. The reference voltage in the
fixed-output-voltage versions of the MIC2182 is buffered and
brought to pin 7. The V
REF pin should be bypassed to GND
(pin 4) with a 0.1
µF capacitor. The adjustable version of the
MIC2182 uses pin 7 for output voltage sensing. A decoupling
capacitor on pin 7 is not used in the adjustable output voltage
version.
0A
ILIM(skip)
Inductor
Current
35mV THRESHOLD
ACROSS RCS.
Figure 7a. Maximum Skip-Mode-Load Inductor Current
0A
IMIN(PWM)
Inductor
Current
12mV THRESHOLD
OF AVERAGE VOLTAGE
ACROSS RCS.
Figure 7b. Minimum PWM-Mode-Load Inductor Current for PWM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com