Electronic Components Datasheet Search
  English  ▼

X  

MIC2182BSM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2182BSM
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182BSM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2182BSM Datasheet HTML 1Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 2Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 3Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 4Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 5Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 6Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 7Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 8Page - Micrel Semiconductor MIC2182BSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC2182
Micrel
MIC2182
4
June 2000
Electrical Characteristics
V
IN = 15V; SS = open; VPWM = 0V; VSHDN = 5V; ILOAD = 0.1A; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; Note 4; unless
noted
Parameter
Condition
Min
Typ
Max
Units
MIC2182 [Adjustable], (Note 5)
Feedback Voltage Reference
1.233
1.245
1.257
V
Feedback Voltage Reference
1.220
1.245
1.270
V
Feedback Voltage Reference
4.5V < V
IN < 32V, 0 < VCSH – VOUT < 75mV
1.208
1.245
1.282
V
Feedback Bias Current
10
nA
Output Voltage Range
1.25
6
V
Output Voltage Line Regulation
V
IN = 4.5V to 32V, VCSH – VOUT = 50mV
0.03
%/V
Output Voltage Load Regulation
25mV < (V
CSH – VOUT) < 75mV (PWM mode only)
0.5
%
Output Voltage Total Regulation
0mV < (V
CSH – VOUT) < 75mV (full load range) 4.5V < VIN < 32V
0.6
%
MIC2182-3.3
Output Voltage
3.267
3.3
3.333
V
Output Voltage
3.234
3.3
3.366
V
Output Voltage
4.5V < V
IN < 32V, 0 < VCSH – VOUT < 75mV
3.201
3.3
3.399
V
Output Voltage Line Regulation
V
IN = 4.5V to 32V, VCSH – VOUT = 50mV
0.03
%/V
Output Voltage Load Regulation
25mV < (V
CSH – VOUT) < 75mV (PWM mode only)
0.5
%
Output Voltage Total Regulation
0mV < (V
CSH – VOUT) < 75mV (full load range) 4.5V < VIN < 32V
0.8
%
MIC2182-5.0
Output Voltage
4.95
5.0
5.05
V
Output Voltage
4.90
5.0
5.10
V
Output Voltage
6.5V < V
IN < 32V, 0 < VCSH – VOUT < 75mV
4.85
5.0
5.150
V
Output Voltage Line Regulation
V
IN = 6.5V to 32V, VCSH – VOUT = 50mV
0.03
%/V
Output Voltage Load Regulation
25mV < (V
CSH – VOUT) < 75mV (PWM mode only)
0.5
%
Output Voltage Total Regulation
0mV < (V
CSH – VOUT) < 75mV (full load range) 6.5V < VIN < 32V
0.8
%
Input and VDD Supply
PWM Mode
V
PWM = 0V, excluding external MOSFET gate drive current
1.6
2.5
mA
Skip Mode
I
L = 0mA, VPWM floating (1nF capacitor to ground)
600
1500
µA
Shutdown Quiescent Current
V
EN/UVLO = 0V
0.1
5
µA
Digital Supply Voltage (V
DD)IL = 0mA to 5mA
4.7
5.3
V
Undervoltage Lockout
V
DD upper threshold (turn on threshold)
4.2
V
V
DD lower threshold (turn off threshold)
4.1
V
Absolute Maximum Ratings (Note 1)
Analog Supply Voltage (V
IN) ....................................... +34V
Digital Supply Voltage (V
DD) ......................................... +7V
Driver Supply Voltage (B
ST) .................................... VIN +7V
Sense Voltage (V
OUT, CSH) ............................. 7V to –0.3V
Sync Pin Voltage (V
SYNC) ................................ 7V to –0.3V
Enable Pin Voltage (V
EN/UVLO) ...................................... VIN
Power Dissipation (P
D)
SOP ................................................ 400mW @ T
A= 85°C
SSOP ............................................. 270mW @ T
A= 85°C
Ambient Storage Temperature (T
S) ......... –65°C to +150°C
ESD, Note 3
Operating Ratings (Note 2)
Analog Supply Voltage (V
IN) ........................ +4.5V to +32V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
SOP
(θ
JA) .......................................................... 100°C/W
SSOP
(θ
JA) ........................................................ 150°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com