Electronic Components Datasheet Search
  English  ▼

X  

MIC2529 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2529
Description  Single-Channel USB Power Controller Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2529 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2529 Datasheet HTML 1Page - Micrel Semiconductor MIC2529 Datasheet HTML 2Page - Micrel Semiconductor MIC2529 Datasheet HTML 3Page - Micrel Semiconductor MIC2529 Datasheet HTML 4Page - Micrel Semiconductor MIC2529 Datasheet HTML 5Page - Micrel Semiconductor MIC2529 Datasheet HTML 6Page - Micrel Semiconductor MIC2529 Datasheet HTML 7Page - Micrel Semiconductor MIC2529 Datasheet HTML 8Page - Micrel Semiconductor MIC2529 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2529
Micrel
MIC2529
2
June 1999
Pin Description
Pin Number
Pin Name
Pin Function
1
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent and
thermal shutdown switch conditions.
2, 7
OUT
Switch Output: Output MOSFET source. Typically connected to switched
side of load. Pin 2 and 7 must be connected together externally.
3
IN
Supply Voltage Input. Supply to switch and regulator. Connect to positive
supply.
4
3VOUT
3.3V Regulator Output
5
GND
Ground: Supply return.
6
3VEN
Regulator Enable (Input): Logic-compatible input. Logic high = enable, logic
low or open = shutdown. Do not float.
8
EN
Switch Enable (Input): Logic-compatible enable input. High input = 2.1V
typical. Low input = 1.9V typical. (-1 active high, -2 active low) Do not float.
Pin Configuration
1
2
3
4
8
7
6
5
EN
OUT
3VEN
GND
FLG
OUT
IN
3VOUT
MIC2529
8-Pin SOIC (M)
Ordering Information
Part Number
Switch Enable
Temperature Range
Package
MIC2529-1BM
Active High
–40
°C to +85°C
8-Pin SOIC
MIC2529-2BM
Active Low
–40
°C to +85°C
8-Pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com