Electronic Components Datasheet Search
  English  ▼

X  

MIC2529 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2529
Description  Single-Channel USB Power Controller Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2529 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2529 Datasheet HTML 1Page - Micrel Semiconductor MIC2529 Datasheet HTML 2Page - Micrel Semiconductor MIC2529 Datasheet HTML 3Page - Micrel Semiconductor MIC2529 Datasheet HTML 4Page - Micrel Semiconductor MIC2529 Datasheet HTML 5Page - Micrel Semiconductor MIC2529 Datasheet HTML 6Page - Micrel Semiconductor MIC2529 Datasheet HTML 7Page - Micrel Semiconductor MIC2529 Datasheet HTML 8Page - Micrel Semiconductor MIC2529 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2529
Micrel
MIC2529
4
June 1999
Typical Characteristics
Parameter
Condition
Min
Typ
Max
Units
Regulator Output Voltage
V
IN = 4.0V to 5.25V, IL = 100mA
3.14
3.3
3.47
V
Regulator Output Voltage
Note 5
50
ppm/
°C
Temperature Coefficient
Regulator Line Regulation
V
IN = 4.0V to 5.25V
0.3
mV
Regulator Load Regulation
I
L = 0.1mA to 100mA
3
mV
Regulator Dropout Voltage
I
L = 100mA, Note 6
mV
Regulator Current Limit
3V
OUT = 0V
320
mA
Note 1.
Exceeding the absolute maximum rating may damage the device. Devices are ESD sensitive. Handling precautions recommended.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2529-1 switch. Off is ≥ 2.4V and on is ≤ 0.8V for the MIC2529-2 switch. The enable input has
approximately 200mV of hysteresis. See control threshold charts. Limits do not include 3VOUT load current of 100
µA during test.
Note 4.
See “Functional Characteristics: Current-Limit Response” photo.
Note 5.
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.
80
100
120
140
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Output On-Resistance
vs. Supply Voltage
T = 25
°C
R
L = 44Ω
60
80
100
120
140
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output On-Resistance
vs. Temperature
R
L = 44Ω
V
IN = 5V
0
40
80
120
160
200
23456
SUPPLY VOLTAGE (V)
On-State Supply Current
vs. Supply Voltage
T
A = 25°C
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-State Supply Current
vs. Temperature
V
IN = 5V
0
0.5
1.0
1.5
2.0
23
456
SUPPLY VOLTAGE (V)
Off-State Supply Current
vs. Supply Voltage
T
A = 25°C
0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Off-State Supply Current
vs. Temperature
V
IN = 5V
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com