Electronic Components Datasheet Search
  English  ▼

X  

MIC2544 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2544 Datasheet HTML 1Page - Micrel Semiconductor MIC2544 Datasheet HTML 2Page - Micrel Semiconductor MIC2544 Datasheet HTML 3Page - Micrel Semiconductor MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2544/2548
Micrel
MIC2544/2548
2
June 2000
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
NC
EN
FLG
GND
ILIM
MIC2544/2548
8-Pin SOP (M)
Ordering Information
Part Number
Enable
Latch*
Temperature Range
Package
MIC2544-1BM
Active High
–40
°C to +85°C
8-pin SOP
MIC2544-1BMM
Active High
–40
°C to +85°C
8-pin MSOP
MIC2544-2BM
Active Low
–40
°C to +85°C
8-pin SOP
MIC2544-2BMM
Active Low
–40
°C to +85°C
8-pin MSOP
MIC2548-1BM
Active High
•–40
°C to +85°C
8-pin SOP
MIC2548-1BMM
Active High
•–40
°C to +85°C
8-pin MSOP
MIC2548-2BM
Active Low
•–40
°C to +85°C
8-pin SOP
MIC2548-2BMM
Active Low
•–40
°C to +85°C
8-pin MSOP
* Thermal Shutdown Latch
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MSOP-8
SOP-8
1
1
EN
Enable (Input): Logic-compatible enable input. Active-high (-1) or active-low
(-2). High input >1.7V typical; low input <1.5V typical. Do not float.
MIC2548 only: Also resets thermal shutdown latch.
2
2
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent or
thermal shutdown conditions.
MIC2548 only: latched low on thermal shutdown.
3
3
GND
Ground
5
4
ILIM
Current Limit: Sets current-limit threshold using an external resistor, R
SET,
connected to ground. 154
Ω < R
SET < 2.29kΩ.
7
7
IN
Input: Output MOSFET drain. Also powers internal circuitry.
6,8
6,8
OUT
Switch (Output): Output MOSFET source. Pins 6 and 8 must be externally
connected.
4
5
NC
Not internally connected
1
2
3
4
8
7
6
5
OUT
IN
OUT
ILIM
EN
FLG
GND
NC
MIC2544/2548
8-Pin MSOP (MM)
LOGIC,
CHARGE
PUMP
(OUT)
(IN)
(EN)
(FLG)
(GND)
(ILIM)
MIC2544/2548
NOTE: PINS 4 AND 5
FOR SOIC AND MSOP
ARE DIFFERENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com