Electronic Components Datasheet Search
  English  ▼

X  

MIC2544 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2544 Datasheet HTML 1Page - Micrel Semiconductor MIC2544 Datasheet HTML 2Page - Micrel Semiconductor MIC2544 Datasheet HTML 3Page - Micrel Semiconductor MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2544/2548
Micrel
MIC2544/2548
4
June 2000
Test Circuit
Device
Under
Test
CL
OUT
RL
VOUT
IOUT
90%
VOUT
10%
90%
10%
tr
tf
Functional Characteristics Test Circuit
Timing Diagrams
VEN
50%
90%
VOUT
10%
tOFF
tON
Figure 1a. MIC2544/48-1
VEN
50%
90%
VOUT
10%
tOFF
tON
Figure 1b. MIC2544/48-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com