Electronic Components Datasheet Search
  English  ▼

X  

MIC2546 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2546
Description  Dual Programmable Current Limit Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2546 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2546 Datasheet HTML 1Page - Micrel Semiconductor MIC2546 Datasheet HTML 2Page - Micrel Semiconductor MIC2546 Datasheet HTML 3Page - Micrel Semiconductor MIC2546 Datasheet HTML 4Page - Micrel Semiconductor MIC2546 Datasheet HTML 5Page - Micrel Semiconductor MIC2546 Datasheet HTML 6Page - Micrel Semiconductor MIC2546 Datasheet HTML 7Page - Micrel Semiconductor MIC2546 Datasheet HTML 8Page - Micrel Semiconductor MIC2546 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2546/2547
Micrel
MIC2546/2547
2
June 2000
Pin Configuration
1
INA
OUTA
ENA
NC
FLGA
GNDB
ILIMB
OUTB
16 OUTA
ILIMA
GNDA
FLGB
ENB
OUTB
NC
INB
15
14
13
12
11
10
9
2
3
4
5
6
7
8
MIC2546/2547
16-Pin SOP (M)
16-Pin TSSOP (TS)
Ordering Information
Part Number
Enable
Latch*
Temperature Range
Package
MIC2546-1BM
Active High
–40
°C to +85°C
16-pin SOP
MIC2546-1BTS
Active High
–40
°C to +85°C
16-pin TSSOP
MIC2546-2BM
Active Low
–40
°C to +85°C
16-pin SOP
MIC2546-2BTS
Active Low
–40
°C to +85°C
16-pin TSSOP
MIC2547-1BM
Active High
•–40
°C to +85°C
16-pin SOP
MIC2547-1BTS
Active High
•–40
°C to +85°C
16-pin TSSOP
MIC2547-2BM
Active Low
•–40
°C to +85°C
16-pin SOP
MIC2547-2BTS
Active Low
•–40
°C to +85°C
16-pin TSSOP
* Thermal Shutdown Latch
LOGIC,
CHARGE
PUMP
(OUTA)
(INA)
(ENA)
(FLGA)
MIC2546/2547
(ILIMA)
LOGIC,
CHARGE
PUMP
(OUTB)
(INB)
(ENB)
(FLGB)
(ILIMB) (GND)
Functional Pinout
Pin Description
Pin Number
Pin Name
Pin Function
1
INA
Input A: Output A MOSFET drain. Also supplies internal circuitry.
2, 16
OUTA
Switch A (Output): Output A MOSFET source. Pins 2 and 16 must be
externally connected.
3
ENA
Enable A (Input): Logic-compatible enable input. Active-high (–1) or active-
low (–2). High input >1.7V typical; low input <1.5V typical. Do not float.
MIC2547 only: Also resets thermal shutdown latch.
4, 10
NC
Not internally connected.
5
FLGA
Fault Flag A (Output): Active-low, open-drain output. Indicates overcurrent
or thermal shutdown conditions. MIC2547 only: latched low on thermal
shutdown.
6, 14
GNDB, GNDA
Ground. Both pins must be connected to GND.
7
ILIMB
Current Limit Channel B: Sets current-limit threshold using an external
resistor, R
SET, connected to ground. 154Ω < RSET < 2.29kΩ.
8, 11
OUTB
Switch B (Output): Pins 8 and 11 must be externally connected.
9
INB
Input B
12
ENB
Enable B (Input)
13
FLGB
Fault Flag B (Output)
15
ILIMA
Current Limit Channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com