Electronic Components Datasheet Search
  English  ▼

X  

MIC2546 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2546
Description  Dual Programmable Current Limit Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2546 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2546 Datasheet HTML 1Page - Micrel Semiconductor MIC2546 Datasheet HTML 2Page - Micrel Semiconductor MIC2546 Datasheet HTML 3Page - Micrel Semiconductor MIC2546 Datasheet HTML 4Page - Micrel Semiconductor MIC2546 Datasheet HTML 5Page - Micrel Semiconductor MIC2546 Datasheet HTML 6Page - Micrel Semiconductor MIC2546 Datasheet HTML 7Page - Micrel Semiconductor MIC2546 Datasheet HTML 8Page - Micrel Semiconductor MIC2546 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2546/2547
Micrel
MIC2546/2547
4
June 2000
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Output On-Resistance
vs. Supply Voltage
T
A = 27°C
40
60
80
100
120
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output On-Resistance
vs. Temperature
2.7V
3.3V
5.0V
0
40
80
120
160
200
240
280
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
On-State Supply Current
vs. Supply Voltage
T
A = 27°C
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Off-State Supply Current
vs. Supply Voltage
T
A = 27°C
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Enable Threshold Voltage
vs. Supply Voltage
T
A = 27°C
V
EN RISING
V
EN FALLING
0
40
80
120
160
200
240
280
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-State Supply Current
vs. Temperature
2.7V
3.3V
5.0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Off-State Supply Current
vs. Temperature
2.7V
3.3V
5.0V
R
L = 44Ω
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Enable Threshold Voltage
vs. Temperature
V
EN RISING
V
EN FALLING
0
1
2
3
4
5
6
7
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Rise Time
vs. Temperature
2.7V
3.3V
5.0V
R
L = 44Ω
0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Fall Time
vs. Temperature
2.7V
3.3V
R
L = 44Ω
5.0V
0
500
1000
1500
2000
100
1000
5000
R
SET (Ω)
Current Limit
vs. R
SET
I
TH
V
IN = 5V
I
SET
I
SHORT
0
500
1000
1500
2000
01
234
56
OUTPUT VOLTAGE (V)
Output Current
vs. Output Voltage
R
SET = 150
V
IN = 5V
R
SET = 470
R
SET = 2.3k
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com