Electronic Components Datasheet Search
  English  ▼

X  

MIC2550 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2550
Description  Universal Serial Bus Transceiver Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2550 Datasheet HTML 1Page - Micrel Semiconductor MIC2550 Datasheet HTML 2Page - Micrel Semiconductor MIC2550 Datasheet HTML 3Page - Micrel Semiconductor MIC2550 Datasheet HTML 4Page - Micrel Semiconductor MIC2550 Datasheet HTML 5Page - Micrel Semiconductor MIC2550 Datasheet HTML 6Page - Micrel Semiconductor MIC2550 Datasheet HTML 7Page - Micrel Semiconductor MIC2550 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC2550
Micrel
MIC2550
2
October 4, 1999
Pin Description
Pin Number
Pin Name
Pin Function
1
VIF
System Interface Supply Voltage (Input): Determines logic voltage levels for
system interface signaling to logic controller.
2
SPD
Speed (Input): Edge rate control. Logic high selects full-speed edge rates.
Logic low selects low-speed edge rates.
3
RCV
Receive Data (Output): System interface receive data interface to logic
controller.
4
VP
Plus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VP is a receiver output (+); If OE# is logic 0, VP is a driver input (+).
5
VM
Minus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VM is a receiver output (–); If OE# is logic 0, VM is a driver input (–).
6, 13
NC
not internally connected
7
GND
Ground: Power supply return and signal reference.
8
SUS
Suspend (Input): Logic high turns off internal circuits to reduce supply
current.
9
OE#
Output Enable (Input): Active-low system interface input signal from from
logic controller. Logic low causes transceiver to transmit data onto the bus.
Logic high causes the transceiver to receive data from the bus.
10
D–
USB Differential Data Line – (Input/Output)
11
D+
USB Differential Data Line + (Input/Output)
12
VTRM
Termination Supply (Output): 3.3V speed termination resistor supply output.
14
VBUS
USB Supply Voltage (Input): Transceiver supply.
Pin Configuration
2
SPD
3
RCV
4
VP
5
VM
6
NC
7
GND
1
VIF
VBUS
14
NC
13
VTRM
12
D+
11
D–
10
OE#
9
8
SUS
14-Pin TSSOP (TM)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com