Electronic Components Datasheet Search
  English  ▼

X  

MIC2550 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2550
Description  Universal Serial Bus Transceiver Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2550 Datasheet HTML 1Page - Micrel Semiconductor MIC2550 Datasheet HTML 2Page - Micrel Semiconductor MIC2550 Datasheet HTML 3Page - Micrel Semiconductor MIC2550 Datasheet HTML 4Page - Micrel Semiconductor MIC2550 Datasheet HTML 5Page - Micrel Semiconductor MIC2550 Datasheet HTML 6Page - Micrel Semiconductor MIC2550 Datasheet HTML 7Page - Micrel Semiconductor MIC2550 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC2550
Micrel
MIC2550
4
October 4, 1999
Symbol
Parameter
Condition
Min
Typ
Max
Units
Transceiver DC Characteristics
I
LO
Hi-Z State Data Line Leakage
0V < V
BUS < 3.3V, D+, D–, OE# = 1 pins only
–10
+10
µA
V
DI
Differential Input Sensitivity
Ω(D+) – (D–)Ω, V
IN = 0.8V – 2.5V
0.2
V
V
CM
Differential Common-Mode Range
includes V
DI range
0.8
2.5
V
V
SE
Single-Ended Receiver Threshold
0.8
2.0
V
Receiver Hysteresis, Note 6
200
mV
V
OL
Static Output Low, Note 5
OE# = 0, R
L = 1.5kΩ to 3.6V
0.3
V
V
OH
Static Output High, Note 5
OE# = 0, R
L = 15kΩ to GND
2.8
3.6
V
V
CRS
Output Signal Crossover Voltage
1.3
2.0
V
Note 6
C
IN
Transceiver Capacitance, Note 6
pin to GND
20
pF
Z
DRV
Driver Output Resistance
steady state drive, Note 6
618
Ω
Low-Speed Driver Characteristics
t
R
Transition Rise Time
C
L = 50pF
75
ns
C
L = 600pF
300
ns
t
F
Transition Fall Time
C
L = 50pF
75
ns
C
L = 600pF
300
ns
t
R/tF
Rise and Fall Time Matching
T
R ÷ TF
80
125
%
V
CRS
Output Signal Crossover Voltage
1.3
2.0
V
Full-Speed Driver Characteristics
t
R
Transition Rise Time
C
L = 50pF
4
20
ns
t
F
Transition Fall Time
C
L = 50pF
4
20
ns
t
R/tF
Rise and Fall Time Matching
T
R ÷ TF
90
111.11
%
V
CRS
Output Signal Crossover Voltage
1.3
2.0
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Applies to the VP, VM, RCV, OE#, SPD, and SUS pins.
Note 5.
Applies to D+, D–
Note 6.
Not production tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com