Electronic Components Datasheet Search
  English  ▼

X  

MIC2571 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2571
Description  Single-Cell Switching Regulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2571 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2571 Datasheet HTML 3Page - Micrel Semiconductor MIC2571 Datasheet HTML 4Page - Micrel Semiconductor MIC2571 Datasheet HTML 5Page - Micrel Semiconductor MIC2571 Datasheet HTML 6Page - Micrel Semiconductor MIC2571 Datasheet HTML 7Page - Micrel Semiconductor MIC2571 Datasheet HTML 8Page - Micrel Semiconductor MIC2571 Datasheet HTML 9Page - Micrel Semiconductor MIC2571 Datasheet HTML 10Page - Micrel Semiconductor MIC2571 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1997
4-83
MIC2571
Micrel
4
When the output switch turns off, the voltage across the
inductor changes sign and flies high in an attempt to maintain
a constant current. The inductor voltage will eventually be
clamped to a diode drop above V
OUT. Therefore, when the
output switch is off, the voltage across the inductor is:
V
= V
+ V
– V
2
OUT
DIODE
IN
For normal operation the inductor current is a triangular
waveform which returns to zero current (discontinuous mode)
at each cycle. At the threshold between continuous and
discontinuous operation we can use the fact that I
1 = I2 to get:
V
t = V
t
11
2
2
××
V
V
=
t
t
1
2
2
1
This relationship is useful for finding the desired oscillator
duty cycle based on input and output voltages. Since input
voltages typically vary widely over the life of the battery, care
must be taken to consider the worst case voltage for each
parameter. For example, the worst case for t
1 is when VIN is
at its minimum value and the worst case for t
2 is when VIN is
at its maximum value (assuming that V
OUT, VDIODE and VSAT
do not change much).
To select an inductor for a particular application, the worst
case input and output conditions must be determined. Based
on the worst case output current we can estimate efficiency
and therefore the required input current. Remember that this
is
power conversion, so the worst case average input current
will occur at maximum output current and minimum input
voltage.
Average I
=
V
I
V
Efficiency
IN(max)
OUT
OUT(max)
IN(min)
×
×
Referring to Figure 1, it can be seen the peak input current will
be twice the average input current. Rearranging the inductor
equation to solve for L:
L =
V
I
t
1
×
L =
V
2
Average I
t
IN(min)
IN(max)
1
×
×
where t =
duty cycle
f
1
OSC
To illustrate the use of these equations a design example will
be given:
Assume:
MIC2571-1 (fixed oscillator)
V
OUT = 5V
I
OUT(max) =5mA
V
IN(min) = 1.0V
efficiency = 75%.
Average I
=
5V
5mA
1.0V
0.75
= 33.3mA
IN(max)
×
×
L =
1.0V
0.7
2
33.3mA
20kHz
×
××
L = 525
µH
Use the next lowest standard value of inductor and verify that
it does not saturate at a current below about 75mA
(< 2
× 33.3mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com