Electronic Components Datasheet Search
  English  ▼

X  

MIC2571 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2571
Description  Single-Cell Switching Regulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2571 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2571 Datasheet HTML 1Page - Micrel Semiconductor MIC2571 Datasheet HTML 2Page - Micrel Semiconductor MIC2571 Datasheet HTML 3Page - Micrel Semiconductor MIC2571 Datasheet HTML 4Page - Micrel Semiconductor MIC2571 Datasheet HTML 5Page - Micrel Semiconductor MIC2571 Datasheet HTML 6Page - Micrel Semiconductor MIC2571 Datasheet HTML 7Page - Micrel Semiconductor MIC2571 Datasheet HTML 8Page - Micrel Semiconductor MIC2571 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1997
4-79
MIC2571
Micrel
4
Typical Characteristics
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
T
A = –40°C
1.4V
1.3V
1.1V
1.2V
V
IN = 1.0V
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
T
A = 25°C
V
IN = 0.9V
1.0V
1.1V
1.2V
1.3V
1.4V
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
T
A = 85°C
1.2V
1.0V
1.1V
V
IN = 0.9V
1.4V
1.3V
15
20
25
30
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Oscillator Frequency
vs. Temperature
V
IN = 1.5V
I
SW = 100mA
50
55
60
65
70
75
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Oscillator Duty Cycle
vs. Temperature
V
IN = 1.5V
I
SW = 100mA
50
75
100
125
150
175
200
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 1.5V
0
2
4
6
8
10
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Feedback Current
vs. Temperature
V
IN = 1.5V
MIC2571-1
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Feedback Current
vs. Temperature
V
IN = 2.5V
MIC2571-2
0
25
50
75
100
125
150
175
200
02468
10
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
–40
°C
+85
°C
+25
°C
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Output Current Limit
vs. Temperature
0.01
0.1
1
10
100
1000
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Switch Leakage Current
vs. Temperature
0
25
50
75
100
125
150
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Output Hysteresis
vs. Temperature
V
OUT = 2.85V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com