Electronic Components Datasheet Search
  English  ▼

X  

MIC29150 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29150
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29150 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29150 Datasheet HTML 1Page - Micrel Semiconductor MIC29150 Datasheet HTML 2Page - Micrel Semiconductor MIC29150 Datasheet HTML 3Page - Micrel Semiconductor MIC29150 Datasheet HTML 4Page - Micrel Semiconductor MIC29150 Datasheet HTML 5Page - Micrel Semiconductor MIC29150 Datasheet HTML 6Page - Micrel Semiconductor MIC29150 Datasheet HTML 7Page - Micrel Semiconductor MIC29150 Datasheet HTML 8Page - Micrel Semiconductor MIC29150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
March 2000
3
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
Absolute Maximum Ratings
Power Dissipation .................................... Internally Limited
Lead Temperature (Soldering, 5 seconds) ................ 260
°C
Storage Temperature Range ................... –65
°C to +150°C
Input Supply Voltage (Note 1) ....................... –20V to +60V
Operating Ratings
Operating Junction Temperature ............. –40
°C to +125°C
Maximum Operating Input Voltage ............................... 26V
TO-220
θ
JC .............................................................. 2°C/W
TO-263
θ
JC .............................................................. 2°C/W
TO-247
θ
JC ........................................................... 1.5°C/W
Electrical Characteristics
All measurements at T
J = 25°C unless otherwise noted. Bold values are guaranteed across the operating temperature range.
Adjustable versions are programmed to 5.0V.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
I
O = 10mA
–1
1
%
10mA
≤ I
O ≤ IFL, (VOUT + 1V) ≤ VIN ≤ 26V (Note 2)
–2
2
%
Line Regulation
I
O = 10mA, (VOUT + 1V) ≤ VIN ≤ 26V
0.06
0.5
%
Load Regulation
V
IN = VOUT + 5V, 10mA ≤ IOUT ≤ IFULL LOAD (Note 2, 6)
0.2
1
%
∆V
O
Output Voltage (Note 6)
20
100
ppm/
°C
∆T
Temperature Coef.
Dropout Voltage
∆V
OUT = – 1%, (Note 3)
MIC29150
I
O = 100mA
80
200
mV
I
O = 750mA
220
I
O = 1.5A
350
600
MIC29300
I
O = 100mA
80
175
I
O = 1.5A
250
I
O = 3A
370
600
MIC29500
I
O = 250mA
125
250
I
O = 2.5A
250
I
O = 5A
370
600
MIC29750
I
O = 250mA
80
200
I
O = 4A
270
I
O = 7.5A
425
600
Ground Current
MIC29150
I
O = 750mA, VIN = VOUT + 1V
8
20
mA
I
O = 1.5A
22
MIC29300
I
O = 1.5A, VIN = VOUT + 1V
10
35
mA
I
O = 3A
37
MIC29500
I
O = 2.5A, VIN = VOUT + 1V
15
50
mA
I
O = 5A
70
MIC29750
I
O = 4A, VIN = VOUT + 1V
35
75
mA
I
O = 7.5A
120
I
GNDDOGround Pin
V
IN = 0.5V less than specified VOUT. IOUT = 10mA
Current at Dropout
MIC29150
0.9
mA
MIC29300
1.7
mA
MIC29500
2.1
mA
MIC29750
3.1
mA
Current Limit
MIC29150
V
OUT = 0V (Note 4)
2.1
3.5
A
MIC29300
V
OUT = 0V (Note 4)
4.5
5.0
A
MIC29500
V
OUT = 0V (Note 4)
7.5
10.0
A
MIC29750
V
OUT = 0V (Note 4)
9.5
15
A
e
n, Output Noise
C
L = 10µF
400
µV (rms)
Voltage
(10Hz to 100kHz)
C
L = 33µF
260
I
L = 100mA
Ground Current in Shutdown
MIC29150/1/2/3 only
V
EN= 0.4V
2
10
µA
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com