Electronic Components Datasheet Search
  English  ▼

X  

MIC29150 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC29150
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29150 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC29150 Datasheet HTML 1Page - Micrel Semiconductor MIC29150 Datasheet HTML 2Page - Micrel Semiconductor MIC29150 Datasheet HTML 3Page - Micrel Semiconductor MIC29150 Datasheet HTML 4Page - Micrel Semiconductor MIC29150 Datasheet HTML 5Page - Micrel Semiconductor MIC29150 Datasheet HTML 6Page - Micrel Semiconductor MIC29150 Datasheet HTML 7Page - Micrel Semiconductor MIC29150 Datasheet HTML 8Page - Micrel Semiconductor MIC29150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
March 2000
5
MIC29150/29300/29500/29750
MIC29150/29300/29500/29750
Micrel
Notes
Note 1:
Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle (
≤1%). The maximum continuous supply
voltage is 26V.
Note 2:
Full Load current (I
FL) is defined as 1.5A for the MIC29150, 3A for the MIC29300, 5A for the MIC29500, and 7.5A for the MIC29750 families.
Note 3:
Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with V
OUT + 1V applied
to V
IN
Note 4:
V
IN = VOUT (nominal) + 1V. For example, use VIN = 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing procedures to
minimize temperature rise.
Note 5:
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the ground
pin current.
Note 6:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 7:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at V
IN = 20V (a 4W pulse) for T = 10ms.
Note 8:
V
REF ≤ VOUT ≤ (VIN – 1 V), 2.3V ≤ VIN ≤ 26V, 10mA < IL ≤ IFL, TJ ≤ TJ MAX.
Note 9:
Comparator thresholds are expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured at
6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = V
OUT /VREF = (R1 + R2)/R2. For
example, at a programmed output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95 mV x 5V/1.240 V = 384
mV. Thresholds remain constant as a percent of V
OUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal,
7.7% guaranteed.
Note 10: V
EN ≤ 0.8V and VIN ≤ 26V, VOUT = 0.
Note 11: When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode clamped to
ground.
Block Diagram
Reference
28V
O.V.
ILIMIT
Thermal
Shut-
down
1.240V
1.180V
EN
IN
FLAG
GND
OUT
ADJ†
R1*
R2*
* Feedback network in fixed versions only
†
Adjustable version only
Typical Applications
Figure 1. Fixed output voltage.
Figure 2. Adjustable output voltage configuration. For
best results, the total series resistance should be small
enough to pass the minimum regulator load current.
MIC29500-3.3
5V
± 5%
47µF
3.3V
± 1% @ 5A
R1
R2
VOUT = 1.240V × [1 + (R1 / R2)]
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com