Electronic Components Datasheet Search
  English  ▼

X  

MIC29311 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29311
Description  3A Fast-Response LDO Regulator for USB Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29311 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29311 Datasheet HTML 1Page - Micrel Semiconductor MIC29311 Datasheet HTML 2Page - Micrel Semiconductor MIC29311 Datasheet HTML 3Page - Micrel Semiconductor MIC29311 Datasheet HTML 4Page - Micrel Semiconductor MIC29311 Datasheet HTML 5Page - Micrel Semiconductor MIC29311 Datasheet HTML 6Page - Micrel Semiconductor MIC29311 Datasheet HTML 7Page - Micrel Semiconductor MIC29311 Datasheet HTML 8Page - Micrel Semiconductor MIC29311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 1998
1
MIC29311
MIC29311
Micrel
MIC29311
3A Fast-Response LDO Regulator for USB
Preliminary Information
General Description
The MIC29311 is a 3A, fast response, low-dropout (LDO)
voltage regulator. Using Micrel’s proprietary Super
βeta
PNP™ process, the MIC29311 offers exceptional dropout
(600mV at 3A) and low ground current (60mA at 3A). Fast
transient response allows it to recover quickly from large load
changes while maintaining a steady output. The device can
be sent into a “zero-current” off mode when the TTL compat-
ible enable is brought low.
Designed specifically for Universal Serial Bus (USB) applica-
tions, the MIC29311 works with USB power switches to
provide an economical solution for self-powered hubs. The
5.1V output voltage is optimized to work with lower-cost high
on-resistance USB power switches (300m
Ω) to provide a
minimum of 4.75V at 500mA to downstream ports. Used with
MIC2527 quad USB power switches, the MIC29311 can
power up to 6 downstream ports.
Features of the MIC29311 include thermal shutdown, current
limit, reversed-battery and reversed-lead insertion protec-
tion. An overvoltage clamp is available to maintain a safe
output when the input voltage exceeds 8V. An error flag is
also available to indicate of the output falls out of regulation,
or when an overcurrent condition occurs.
The MIC29311 is available in a 5-pin TO-220 or TO-263
package with a fixed 5.1V output voltage.
For other high current, low-dropout voltage regulators, please
see the MIC29150/300/500/750 and the MIC29310,
MIC29510, MIC29710.
Typical Application
ON/OFF
OVERCURRENT
3.3V USB Controller
VBUS
D+
D–
GND
VBUS
D+
D–
GND
MIC5207-3.3
LDO Regulator
IN
OUT
GND
33µF
Ferrite
Bead
VBUS
D+
D–
GND
D+
D–
V+
Bold lines indicate
0.1" wide, 1-oz. copper
high-current traces.
Downstream
USB
Port 1
4.75V min
500mA max.
33µF
VBUS
D+
D–
GND
33µF
0.01µF
0.01µF
0.01µF
4.7
µF
1.0
µF
GND
33µF
6.3Vac
3A
IN
OUT
GND
MIC29311-5.1
LDO Regulator
5.8V @ 3A
5.1V
FLAG
EN
10k
47µF
10k
Downstream
USB
Port 2
4.75V min
500mA max.
Downstream
USB
Port 6
4.75V min
500mA max.
100mA
max.
AC
Line
Upstream
USB Port
Simple USB Stand-Alone 6-Port Self-Powered Hub
Features
• Fast transient response
• 3A output current over full temperature range
• 600mV dropout voltage at full load
• Low ground current
• 3% total accuracy
• “Zero” off-mode current
• Thermal Shutdown
• Current Limiting
• Reversed battery protection
• Fixed 5.1V Output
Applications
• Self-powered USB hubs
• USB power switching
• High-efficiency linear power supplies
• High-efficiency switching supply post-regulator
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29311-5.1BT MICREL-MIC29311-5.1BT Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29311-5.1WT MICREL-MIC29311-5.1WT Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
More results

Similar Description - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com