Electronic Components Datasheet Search
  English  ▼

X  

MIC29311 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC29311
Description  3A Fast-Response LDO Regulator for USB Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29311 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC29311 Datasheet HTML 1Page - Micrel Semiconductor MIC29311 Datasheet HTML 2Page - Micrel Semiconductor MIC29311 Datasheet HTML 3Page - Micrel Semiconductor MIC29311 Datasheet HTML 4Page - Micrel Semiconductor MIC29311 Datasheet HTML 5Page - Micrel Semiconductor MIC29311 Datasheet HTML 6Page - Micrel Semiconductor MIC29311 Datasheet HTML 7Page - Micrel Semiconductor MIC29311 Datasheet HTML 8Page - Micrel Semiconductor MIC29311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
December 1998
5
MIC29311
MIC29311
Micrel
Typical Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0123
OUTPUT CURRENT (A)
Dropout Voltage
vs. Output Current
0
0.2
0.4
0.6
0.8
1.0
0
30
60
90
120
150
TEMPERATURE (
°C)
MIC2931x Dropout Voltage
vs. Temperature
I
LOAD = 3A
0
1
2
3
4
5
6
7
0246
INPUT VOLTAGE (V)
Dropout
Characteristics
I
LOAD = 3A
I
LOAD = 10mA
0.0
0.5
1.0
1.5
2.0
02468
10
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
I
OUT = 10mA
0
50
100
150
200
02468
10
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
I
OUT = 3A
-0.5
0.0
0.5
1.0
1.5
2.0
-20
-10
0
10
20
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
R
LOAD = 100Ω
V
OUT = 3.3V
0
1
2
3
4
5
6
0
30
60
90
120
150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
OUT = 750mA
0
5
10
15
20
0
30
60
90
120
150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
OUT = 1.5A
0
20
40
60
80
100
0
30
60
90
120
150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
OUT = 3A
0
10
20
30
40
50
60
01
23
OUTPUT CURRENT (A)
Ground Current
vs. Output Current
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
0
30
60
90
120
150
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
1
2
3
4
5
6
0
30
60
90
120
150
TEMPERATURE (
°C)
Short Circuit
Current vs. Temperature
V
OUT = 0V
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com