Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC39500
Description  5A Low-Voltage Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 1999
1
MIC39500/39501
MIC39500/39501
Micrel
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC39500-2.5BT
2.5V
–40
°C to +125°C
3-lead TO-220
MIC39500-2.5BU
2.5V
–40
°C to +125°C
3-lead TO-263
MIC39501-2.5BT
2.5V
–40
°C to +125°C
5-lead TO-220
MIC39501-2.5BU
2.5V
–40
°C to +125°C
5-lead TO-263
MIC39500/39501
5A Low-Voltage Low-Dropout Regulator
Advance Information
General Description
The MIC39500 and MIC39501 is a 5A low-dropout linear
voltage regulator that provides a low-voltage, high-current
output with a minimum of external components. Utilizing
Micrel’s proprietary Super
βeta PNP™ pass element, the
MIC39500 offers extremely low dropout (typically 400mV at
5A) and low ground current (typically 70mA at 5A).
The MIC39500 is ideal for PC Add-In cards that need to
convert from standard 5V or 3.3V, down to new, lower core
voltages. A guaranteed maximum dropout voltage of 500mV
over all operating conditions allows the MIC39500 to provide
2.5V from a supply as low as 3V. The MIC39500 also has fast
transient response, for heavy switching applications. The
device requires only 47
µF of output capacitance to maintain
stability and achieve fast transient response
The MIC39500 is fully protected with overcurrent limiting,
thermal shutdown, reversed-battery and reversed-lead in-
sertion protection. The MIC39501 offers a TTL-logic-compat-
ible enable pin and an error flag that indicates undervoltage
and overcurrent conditions. The MIC39500 comes in the TO-
220 and TO-263 packages and is an ideal upgrade to older,
NPN-based linear voltage regulators.
For applications requiring input voltage
greater than 16V, see the
MIC29500/1/2/3 family.
Typical Application
IN
OUT
GND
VIN
3.3V
VOUT
2.5V
1.0µF
47µF
MIC39500-2.5
MIC39500
Features
• 5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery and reversed-lead insertion protection
• Fast transient response
• TO-263 and TO-220 packages
• TTL/CMOS compatible enable pin (MIC39501 only)
• Error flag output (MIC39501 only)
Applications
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Low-voltage microcontrollers
• StrongARM™ processor supply
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
StrongARM is a trademark of Advanced RISC Machines, Ltd.
MIC39501-2.5
FLG
OUT
ERROR
FLAG OUTPUT
47µF
EN
GND
IN
VOUT
2.5V
1.0µF
Enable
Shutdown
VIN
3.3V
100K
Ω
MIC39501


Similar Part No. - MIC39500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39500 MICREL-MIC39500 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8BT MICREL-MIC39500-1.8BT Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8BU MICREL-MIC39500-1.8BU Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8WT MICREL-MIC39500-1.8WT Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC39500-1.8WU MICREL-MIC39500-1.8WU Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39500

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
5A Low dropout voltage regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com