Electronic Components Datasheet Search
  English  ▼

X  

MIC39500 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC39500
Description  5A Low-Voltage Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC39500 Datasheet HTML 1Page - Micrel Semiconductor MIC39500 Datasheet HTML 2Page - Micrel Semiconductor MIC39500 Datasheet HTML 3Page - Micrel Semiconductor MIC39500 Datasheet HTML 4Page - Micrel Semiconductor MIC39500 Datasheet HTML 5Page - Micrel Semiconductor MIC39500 Datasheet HTML 6Page - Micrel Semiconductor MIC39500 Datasheet HTML 7Page - Micrel Semiconductor MIC39500 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
June 1999
3
MIC39500/39501
MIC39500/39501
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ..................................... –20V to +20V
Enable Voltage (V
EN) .................................................. +20V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
IN) .................................. +2.25V to +16V
Enable Voltage (V
EN) .................................................. +16V
Maximum Power Dissipation (P
D(max)) ..................... Note 4
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
TO-263
(θ
JC) ......................................................... 2°C/W
TO-220 (
θ
JC) ......................................................... 2°C/W
Electrical Characteristics
T
J = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage
10mA
≤ I
OUT ≤ 5A, VOUT + 1V ≤ VIN ≤ 16V
–11
%
–2
2
%
Line Regulation
I
OUT = 10mA, VOUT + 1V ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
V
IN = VOUT + 1V, 10mA ≤ IOUT ≤ 5A
0.2
1
%
∆V
OUT/∆T
Output Voltage Temp. Coefficient,
20
100
ppm/
°C
Note 5
V
DO
Dropout Voltage, Note 6
I
OUT = 250mA, ∆VOUT = –2%
125
250
mV
I
OUT = 2.5A, ∆VOUT = –2%
320
mV
I
OUT = 5A, ∆VOUT = –2%
400
500
mV
I
GND
Ground Current, Note 7
I
OUT = 2.5A, VIN = VOUT + 1V
15
50
mA
I
OUT = 5A, VIN = VOUT + 1V
70
mA
I
GND(do)
Dropout Ground Pin Current
V
IN ≤ VOUT(nominal) – 0.5V, IOUT = 10mA
2.1
mA
I
OUT(lim)
Current Limit
V
OUT = 0V, VIN = VOUT + 1V
7.5
A
e
n
Output Noise Voltage
C
OUT = 47µF, IOUT = 100mA, 10Hz to 100kHz
260
µV(rms)
Enable Input (MIC39501)
V
EN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.4
V
I
IN
Enable Input Current
V
EN = VIN
30
35
µA
75
µA
V
EN = 0.8V
2
µA
4
µA
I
OUT(shdn)
Shutdown Output Current
Note 8
10
20
µA
Flag Output (MIC39501)
I
FLG(leak)
Output Leakage Current
V
OH = 16V
0.01
1
µA
2
µA
V
FLG(do)
Output Low Voltage
V
IN = 2.250V, IOL, = 250µA, Note 9
125
150
mV
200
mV
Note 1.
Exceeding the absolute maximum ratings may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
P
D(max) = (TJ(max) – TA) ÷ θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
Note 5.
Output voltage temperature coefficient is
∆V
OUT(worst case) ÷ (TJ(max) – TJ(min)) where TJ(max) is +125°C and TJ(min) is 0°C.
Note 6.
V
DO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V.
Note 7.
I
GND is the quiescent current. IIN = IGND + IOUT.
Note 8.
V
EN ≤ 0.8V, VIN ≤ 8V, and VOUT = 0V
Note 9.
For a 2.5V device, V
IN = 2.250V (device is in dropout).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com