Electronic Components Datasheet Search
  English  ▼

X  

HA456CMZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA456CMZ
Description  120MHz, Low Power, 8x8 Video Crosspoint Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA456CMZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA456CMZ Datasheet HTML 5Page - Intersil Corporation HA456CMZ Datasheet HTML 6Page - Intersil Corporation HA456CMZ Datasheet HTML 7Page - Intersil Corporation HA456CMZ Datasheet HTML 8Page - Intersil Corporation HA456CMZ Datasheet HTML 9Page - Intersil Corporation HA456CMZ Datasheet HTML 10Page - Intersil Corporation HA456CMZ Datasheet HTML 11Page - Intersil Corporation HA456CMZ Datasheet HTML 12Page - Intersil Corporation HA456CMZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN4153.7
September 26, 2008
FIGURE 4. PARALLEL PROGRAMMING MODE OPERATION (SER/PAR = 0)
FIGURE 5. SERIAL PROGRAMMING MODE OPERATION (SER/PAR = 1)
Waveforms (Continued)
DATA (N)
DATA (N + 1)
DATA (N + 2)
DATA (N)
DATA (N)
DATA (N)
DATA (N + 1)
DATA (N + 1)
DATA (N + 1)
DATA (N + 2)
WR
LATCH
MASTER REGISTER CONTENTS
SLAVE REGISTER CONTENTS
(EDGE/LEVEL = 0)
SLAVE REGISTER CONTENTS
(EDGE/LEVEL = 1)
DATA (N + 2)
DATA (N + 2)
SLAVE REGISTER CONTENTS
(EDGE/LEVEL = 0)
SLAVE REGISTER CONTENTS
(EDGE/LEVEL = 1)
WR
LATCH
NEW DATA
NEW DATA
NEW DATA FOR
OUT1 TO OUT6
NEW DATA FOR
OUT0
NEW DATA FOR
OUT7
D1
D2
D3
D0
D3
D2
D3
D2
D1
D0
t = 0
1st
WRITE
32nd
WRITE
OLD DATA
OLD DATA
SER IN
HA456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com