Electronic Components Datasheet Search
  English  ▼

X  

HA456CMZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA456CMZ
Description  120MHz, Low Power, 8x8 Video Crosspoint Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA456CMZ Datasheet(HTML) 2 Page - Intersil Corporation

  HA456CMZ Datasheet HTML 1Page - Intersil Corporation HA456CMZ Datasheet HTML 2Page - Intersil Corporation HA456CMZ Datasheet HTML 3Page - Intersil Corporation HA456CMZ Datasheet HTML 4Page - Intersil Corporation HA456CMZ Datasheet HTML 5Page - Intersil Corporation HA456CMZ Datasheet HTML 6Page - Intersil Corporation HA456CMZ Datasheet HTML 7Page - Intersil Corporation HA456CMZ Datasheet HTML 8Page - Intersil Corporation HA456CMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN4153.7
September 26, 2008
HA456 Functional Block Diagram
IN0
IN2
IN3
IN4
IN5
IN6
IN7
IN1
(AV = 1)
OUTPUT
BUFFERS
OUT0
OUT7
SLAVE REGISTER
MASTER REGISTER
LATCH
EDGE/LEVEL
CE
WR
CE
A0 A1
A2
D2
D3
D0/SER IN
D1/SER OUT
SER/PAR
HA456
8x8
SWITCH
MATRIX
EN0:7
EN0
EN7
HA456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com