Electronic Components Datasheet Search
  English  ▼

X  

MIC4680 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4680
Description  1A 200kHz SuperSwitcher??Buck Regulator Final Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4680 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4680 Datasheet HTML 2Page - Micrel Semiconductor MIC4680 Datasheet HTML 3Page - Micrel Semiconductor MIC4680 Datasheet HTML 4Page - Micrel Semiconductor MIC4680 Datasheet HTML 5Page - Micrel Semiconductor MIC4680 Datasheet HTML 6Page - Micrel Semiconductor MIC4680 Datasheet HTML 7Page - Micrel Semiconductor MIC4680 Datasheet HTML 8Page - Micrel Semiconductor MIC4680 Datasheet HTML 9Page - Micrel Semiconductor MIC4680 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MIC4680
Micrel
MIC4680
6
June 2000
Switching Frequency Foldback
TIME
Normal
Operation
Short
Circuit
Operation
200kHz
60kHz
Load Transient
V
IN = 12V
V
OUT = 5V
I
OUT = 1.0A to 0.1A
TIME (100ms/div.)
5.1V
5V
1A
0A
Functional Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
Safe
Operating Area
V
OUT = 5V
T
A = 60°C
Demonstration
board layout
Minimum
Current Limit
Note
Frequency Foldback
The MIC4680 folds the switching frequency back during a hard
short-circuit condition to reduce the energy per cycle and
protect the device.
Note. For increased output current, see “Applications Information:
Increasing the Maximum Output Current” and Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com