Electronic Components Datasheet Search
  English  ▼

X  

MIC4680 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4680
Description  1A 200kHz SuperSwitcher??Buck Regulator Final Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4680 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4680 Datasheet HTML 1Page - Micrel Semiconductor MIC4680 Datasheet HTML 2Page - Micrel Semiconductor MIC4680 Datasheet HTML 3Page - Micrel Semiconductor MIC4680 Datasheet HTML 4Page - Micrel Semiconductor MIC4680 Datasheet HTML 5Page - Micrel Semiconductor MIC4680 Datasheet HTML 6Page - Micrel Semiconductor MIC4680 Datasheet HTML 7Page - Micrel Semiconductor MIC4680 Datasheet HTML 8Page - Micrel Semiconductor MIC4680 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
June 2000
5
MIC4680
MIC4680
Micrel
4.96
4.98
5.00
5.02
5.04
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
Load Regulation
V
IN = 12V
V
OUT = 5V
Typical Characteristics
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
Line Regulation
I
OUT = 1.0A
0
20
40
60
80
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25
0
25
50
75 100 125
TEMPERATURE (
°C)
Shutdown Current
vs. Temperature
V
IN = 12V
V
SHDN = VIN
0
1
2
3
4
5
6
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
OUTPUT CURRENT (A)
Current Limit
Characteristic
V
IN = 12V
196
197
198
199
200
201
202
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE (V)
Frequency vs.
Supply Voltage
180
190
200
210
220
-50 -25
0
25
50
75 100 125
TEMPERATURE (
°C)
Frequency vs.
Temperature
1.228
1.230
1.232
1.234
1.236
1.238
1.240
1.242
-50 -25 0
25 50 75 100 125 150
TEMPERATURE (
°C)
Feedback Voltage
vs. Temperature
V
IN = 12V
V
OUT = 5V
I
OUT = 1A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125
TEMPERATURE (
°C)
Saturation Voltage
vs. Temperature
V
IN = 12V
V
OUT = 5V
I
LOAD = 1A
0
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
3.3V Output
Efficiency
12V
6V
24V
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
5V Output
Efficiency
7V
12V
24V
0
10
20
30
40
50
60
70
80
90
100
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
12V Output
Efficiency
15V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com