Electronic Components Datasheet Search
  English  ▼

X  

MIC5022 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5022
Description  Half-Bridge MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5022 Datasheet HTML 1Page - Micrel Semiconductor MIC5022 Datasheet HTML 2Page - Micrel Semiconductor MIC5022 Datasheet HTML 3Page - Micrel Semiconductor MIC5022 Datasheet HTML 4Page - Micrel Semiconductor MIC5022 Datasheet HTML 5Page - Micrel Semiconductor MIC5022 Datasheet HTML 6Page - Micrel Semiconductor MIC5022 Datasheet HTML 7Page - Micrel Semiconductor MIC5022 Datasheet HTML 8Page - Micrel Semiconductor MIC5022 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
September 1999
183
MIC5022
MIC5022
Micrel
Input
0V
TTL (H)
0V
50mV
Sense H+, H–
Differential
Gate H
Fault
0V
15V (max.)
Off
On
5µs
20µs
Enable
0V
TTL (H)
0V
Gate L
15V (max.)
50mV
Sense L+, L–
Differential
0V
Input
0V
TTL (H)
Source
50mV
Sense H+, H–
Differential
Gate H
Fault
0V
15V (max.)
Off
On
5µs
Enable
0V
TTL (H)
0V
Gate L
15V (max.)
50mV
Sense L+, L–
Differential
0V
Timing Diagram 1. Normal Operation
Input
0V
TTL (H)
Source
50mV
Sense H+, H–
Differential
Gate H
Fault
0V
15V (max.)
Off
On
0V
Gate L
15V (max.)
50mV
Sense L+, L–
Differential
0V
Enable
0V
TTL (H)
Timing Diagram 2. Overcurrent Fault with Retry
Timing Diagram 3. Overcurrent Fault with Maintained Off



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com