Electronic Components Datasheet Search
  English  ▼

X  

MIC5022 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5022
Description  Half-Bridge MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022 Datasheet(HTML) 9 Page - Micrel Semiconductor

  MIC5022 Datasheet HTML 1Page - Micrel Semiconductor MIC5022 Datasheet HTML 2Page - Micrel Semiconductor MIC5022 Datasheet HTML 3Page - Micrel Semiconductor MIC5022 Datasheet HTML 4Page - Micrel Semiconductor MIC5022 Datasheet HTML 5Page - Micrel Semiconductor MIC5022 Datasheet HTML 6Page - Micrel Semiconductor MIC5022 Datasheet HTML 7Page - Micrel Semiconductor MIC5022 Datasheet HTML 8Page - Micrel Semiconductor MIC5022 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MIC5022
Micrel
MIC5022
186
September 1999
11
12
12
11
VDD
Input
Fault
CTH
Enable
CTL
Gnd
VBOOST
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
10µF
RS1
0.01µF
M
+12V to +20V
MIC5022
1
2
3
4
5
6
7
14
13
10
9
8
VDD
Input
Fault
CTH
Enable
CTL
Gnd
VBOOST
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
10µF
MIC5022
1
2
3
4
5
6
7
14
13
10
9
8
0.01µF
TTL Input
(PWM signal)
TTL Input
(PWM signal)
RS2
Figure 2. Full-Bridge Motor Control Application
Synchronous Rectifier Converter
The MIC5022 can be part of a synchronous rectifier in SMPS
(switch mode power supply) applications.
This circuit uses the MIC38C43 SMPS controller IC to switch
a pass transistor (Q1) and a “synchronous rectifier” transistor
(Q2) using the MIC5022.
The MIC38C43 controller switches the transistors at 50kHz.
Output regulation is maintained using PWM. When the pass
transistor is on, the synchronous rectifier is off and current is
forced through the inductor to the output capacitor and load.
When the pass transistor is switched off, the synchronous
rectifier is switched on allowing current to continue to flow as
the inductor returns stored energy.
The synchronous rectifier MOSFET has a lower voltage drop
than the forward voltage drop across a Schottky diode. This
increases converter efficiency which extends battery life in
portable equipment.
Figure 3. 50kHz Synchronous Rectifier Converter
MIC38C43
0.1µF
300k
4.3k
VOUT
5V, 8A
0.15µF
70µH
1000µF
Low ESR
0.1µF
SMP06N06-14
VDD
VREF
Gnd
Comp
VOUT
RT/CT
FB
IS
4.7nF
10k
10k
13k
47k
3.3k
2200pF
470µF
25V
MIC5022
VPP
Gate H
S H+
Gate L
S H–
Fault
S L–
S L+
Gnd
Input
Enable
V+
+12V
5
1
8
2
9
7
12
11
3
10
14
13
2
1
4
3
8
5
7
6
5m
Ω
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com