Electronic Components Datasheet Search
  English  ▼

X  

MIC5156 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5156
Description  Super LDO??Regulator Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5156 Datasheet HTML 1Page - Micrel Semiconductor MIC5156 Datasheet HTML 2Page - Micrel Semiconductor MIC5156 Datasheet HTML 3Page - Micrel Semiconductor MIC5156 Datasheet HTML 4Page - Micrel Semiconductor MIC5156 Datasheet HTML 5Page - Micrel Semiconductor MIC5156 Datasheet HTML 6Page - Micrel Semiconductor MIC5156 Datasheet HTML 7Page - Micrel Semiconductor MIC5156 Datasheet HTML 8Page - Micrel Semiconductor MIC5156 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
March 1999
3-113
MIC5156/5157/5158
Micrel
3
Pin Configuration
Ordering Information MIC5156
Part Number
Temperature Range
Voltage
Package
MIC5156-3.3BN
–40
°C to +85°C
3.3V
8-pin DIP
MIC5156-5.0BN
–40
°C to +85°C
5.0V
8-pin DIP
MIC5156BN
–40
°C to +85°C
Adjustable
8-pin DIP
MIC5156-3.3BM
–40
°C to +85°C
3.3V
8-pin SOP
MIC5156-5.0BM
–40
°C to +85°C
5.0V
8-pin SOP
MIC5156BM
–40
°C to +85°C
Adjustable
8-pin SOP
Ordering Information MIC5157
Part Number
Temperature Range
Voltage
Package
MIC5157BN
–40
°C to +85°C
Selectable
14-pin DIP
MIC5157BM
–40
°C to +85°C
Selectable
14-pin SOP
Ordering Information MIC5158
Part Number
Temperature Range
Voltage
Package
MIC5158BN
–40
°C to +85°C
5.0V/Adj.
14-pin DIP
MIC5158BM
–40
°C to +85°C
5.0V/Adj.
14-pin SOP
1
2
3
4
EN
FLAG
S (Source)
GND
VP
D (Drain)
VDD
G (Gate)
8
7
6
5
MIC5156-x.x
1
2
3
4
EA
5V FB
EN
FLAG
GND
S (Source)
G (Gate)
D (Drain)
14
13
12
11
MIC5158
5
6
7
VCP
C2–
C2+
VDD
C1+
C1–
10
9
8
1
2
3
4
5V
3.3V
EN
FLAG
GND
S (Source)
G (Gate)
D (Drain)
14
13
12
11
MIC5157
5
6
7
VCP
C2–
C2+
VDD
C1+
C1–
10
9
8
1
2
3
4
EN
FLAG
GND
VP
D (Drain)
VDD
G (Gate)
8
7
6
5
MIC5156
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com