Electronic Components Datasheet Search
  English  ▼

X  

MIC5156 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5156
Description  Super LDO??Regulator Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5156 Datasheet HTML 1Page - Micrel Semiconductor MIC5156 Datasheet HTML 2Page - Micrel Semiconductor MIC5156 Datasheet HTML 3Page - Micrel Semiconductor MIC5156 Datasheet HTML 4Page - Micrel Semiconductor MIC5156 Datasheet HTML 5Page - Micrel Semiconductor MIC5156 Datasheet HTML 6Page - Micrel Semiconductor MIC5156 Datasheet HTML 7Page - Micrel Semiconductor MIC5156 Datasheet HTML 8Page - Micrel Semiconductor MIC5156 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
March 1999
3-115
MIC5156/5157/5158
Micrel
3
Electrical Characteristics
V
DD = 5V, VEN = 5V; TA = 25°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
DD
Supply Voltage
336
V
I
DD(ON)
Supply Current MIC5156
Operating, V
EN = 5V
2.7
10
mA
I
DD(OFF)
Shutdown, V
EN = 0V
0.1
5
µA
I
DD(ON)
Supply Current MIC5157/8
Operating, V
EN = 5V
4.5
10
mA
I
DD(OFF)
Shutdown, V
EN = 0V
0.1
5
µA
V
IH
Enable Input Threshold
High
2.4
1.3
V
V
IL
Low
1.3
0.8
V
EN I
B
Enable Input Bias Current
V
EN = 2.4V
20
25
µA
V
CP
Max. Charge Pump Voltage
V
CP – VDD, VDD > 10V
17.5
18.5
V
f
CP
Charge Pump Frequency
160
kHz
V
OUT MAX
Maximum Gate Drive Voltage
V
SOURCE = 0V
(MIC5157/8)
V
DD = 3.5V
5
7.0
9
V
V
DD = 5V
9
11.3
15
V
V
DD = 12V
24
28
30
V
V
OUT MIN
Minimum Gate Drive Voltage
V
SOURCE > VOUT(NOM)
1.0
V
V
LIM
Current Limit Threshold
V
DD – VD @ ILIM
28
35
42
mV
V
S
Source Voltage
Short G (gate) to (S) source, Note 4
MIC5156-3.3
3.267
3.3
3.333
V
MIC5156-5.0
4.950
5.0
5.050
V
MIC5157, 3.3V pin to S pin (3.3V config.)
3.250
3.3
3.350
V
MIC5157, 5V pin to S pin (5V config.)
4.950
5.0
5.050
V
MIC5157, V
DD = 7V, (12V config.)
11.70
12
12.30
V
MIC5158, 5V FB pin to EA pin (5V config.)
4.925
5.0
5.075
V
V
BG
Bandgap Reference Voltage
MIC5156 [adjustable] and MIC5158
1.222
1.235
1.248
V
V
LR
Output Voltage Line Regulation
5V < V
DD < 15V, VOUT = 3.3V
2
7
mV
V
GS MAX
Gate to Source Clamp
14
16.6
20
V
V
FT
Flag Comparator Threshold
% of nominal V
SOURCE
92
%
V
FH
Flag Comparator Hysteresis
% of nominal V
SOURCE
3%
V
SAT
Flag Comparator Sat. Voltage
I
FLAG = 1mA
0.09
0.2
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Test configuration. External MOSFET not used.
Absolute Maximum Ratings (Note 1)
Supply Input (V
DD) ...................................................... +38V
Enable Input (V
EN) ......................................... –0.3V to 36V
Gate Output (V
G) MIC5156 ......................................... +55V
Charge Pump Node (V
CP) MIC5157/8 ........................ +55V
Source Connection (V
S) .................................... 1.3 to +36V
Flag (V
FLAG) .................................................... –0.3 to +40V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering 10 sec.) ...................... 300
°C
Operating Ratings (Note 2)
Ambient Temperature Range (T
A)
MIC515xBM/BN ..................................... –40
°C to +85°C
Junction Temperature (T
J) ...................................... +150°C
Thermal Resistance (
θ
JA)
Package
MIC5156
MIC5157/8
DIP ............................... 100
°C/W ..................... 90°C/W
SOP .............................. 160
°C/W ................... 120°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com