Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS2965
Description  Uses standard 27MHz crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2965 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS2965 Datasheet HTML 7Page - Gennum Corporation GS2965 Datasheet HTML 8Page - Gennum Corporation GS2965 Datasheet HTML 9Page - Gennum Corporation GS2965 Datasheet HTML 10Page - Gennum Corporation GS2965 Datasheet HTML 11Page - Gennum Corporation GS2965 Datasheet HTML 12Page - Gennum Corporation GS2965 Datasheet HTML 13Page - Gennum Corporation GS2965 Datasheet HTML 14Page - Gennum Corporation GS2965 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
11 of 41
Proprietary & Confidential
Output De-Emphasis
−
OFF - 0
−
0
−
dB
−
ON - 0
−
0
−
dB
−
ON - 1
−
0.7
−
dB
−
ON - 2
−
1.3
−
dB
−
ON - 3
−
2
−
dB
−
ON - 4
−
2.6
−
dB
−
ON - 5
−
3.3
−
dB
−
ON - 6
−
4
−
dB
−
ON - 7
−
4.7
−
dB
−
Input Jitter Tolerance
−
square-wave modulated
jitter
0.8
−−
UI
−
Loop Bandwidth
BWLOOP
(270Mb/s)
KBB = VCC
−
170
−
kHz
−
KBB = FLOAT
−
340
−
kHz
−
KBB = GND
−
680
−
kHz
−
BWLOOP
(1485Mb/s)
KBB = VCC
−
0.875
−
MHz
−
KBB = FLOAT
−
1.75
−
MHz
−
KBB = GND
−
3.5
−
MHz
−
BWLOOP
(2970Mb/s)
KBB = VCC
−
1.75
−
MHz
−
KBB = FLOAT
−
3.5
−
MHz
−
KBB = GND
−
7.0
−
MHz
−
PLL Lock Time (asynchronous)
talock
−−
0.5
1
ms
−
PLL Lock Time (synchronous)
tslock
CLF = 47nF, SD/HD = 0
−
0.5
4
μs
−
CLF = 47nF, SD/HD = 1
−
510
μs
−
Serial Data Output Jitter Intrinsic
(DDO0)
tOJ(270MB/s)
KBB = FLOAT
PRN 2^23-1 test pattern
−
0.01
−
UI
−
tOJ(1485MB/s)
KBB = FLOAT
PRN 2^23-1 test pattern
−
0.03
−
UI
−
tOJ(2970MB/s)
KBB = FLOAT
PRN 2^23-1 test pattern
−
0.05
−
UI
−
Output Rise/Fall Time
tr/f
20% to 80% (400mV
swing)
−
65
−
ps
−
20% to 80% (800mV
swing)
−
80
−
ps
−
Output Rise/Fall Time Mismatch
−−
−
−
15
ps
−
Eye Cross Shift
−
percentage of signal
amplitude
−−
5%
−
Table 2-2: AC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com