Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS2965
Description  Uses standard 27MHz crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2965 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS2965 Datasheet HTML 17Page - Gennum Corporation GS2965 Datasheet HTML 18Page - Gennum Corporation GS2965 Datasheet HTML 19Page - Gennum Corporation GS2965 Datasheet HTML 20Page - Gennum Corporation GS2965 Datasheet HTML 21Page - Gennum Corporation GS2965 Datasheet HTML 22Page - Gennum Corporation GS2965 Datasheet HTML 23Page - Gennum Corporation GS2965 Datasheet HTML 24Page - Gennum Corporation GS2965 Datasheet HTML 25Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
21 of 41
Proprietary & Confidential
NOTE: Changing the de-emphasis setting will vary both V1 & V2 (see Figure 4-2).
The DEn_EN pins are multiplexed with the serial host interface pins. The DEn_EN
functionality is enabled when pin HIF is tied HIGH, as shown in Table 4-7:
Figure 4-2: De-emphasis Waveform
4.10 Automatic and Manual Data Rate Selection
The GS2965 can be configured to manually lock to a specific data rate or automatically
search for and lock to the incoming data rate. The default configuration is AUTO mode.
This can be changed via the host interface.
In AUTO mode, the SS[1:0] registers become read only, and the bit pattern indicates the
data rate at which the PLL is currently locked to (or previously locked to). The search
algorithm cycles through the data rates and starts over if that data rate is not found (see
Figure 4-3).
A “search algorithm” cycles through the supported data rates until lock is achieved, as
shown in Figure 4-3 below.
Table 4-7: DEn_EN Pins Multiplexed
Pin
Function
SDO/DE0_EN
Active-high logic input to enable de-emphasis for high-speed input
channel 0.
SCK/DE1_EN
Active-high logic input to enable de-emphasis for high-speed input
channel 1.
V1
V2
-V1
-V2
Tx signal after de-emphasis
11110000 pattern
268
269
270
271
272
273
274
275
UI
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
De-emphasis (dB)
=20 log (V1/V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com